Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 254Page - Renesas Technology Corp SH7101 Datasheet HTML 255Page - Renesas Technology Corp SH7101 Datasheet HTML 256Page - Renesas Technology Corp SH7101 Datasheet HTML 257Page - Renesas Technology Corp SH7101 Datasheet HTML 258Page - Renesas Technology Corp SH7101 Datasheet HTML 259Page - Renesas Technology Corp SH7101 Datasheet HTML 260Page - Renesas Technology Corp SH7101 Datasheet HTML 261Page - Renesas Technology Corp SH7101 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 224 of 448
REJ09B0394-0200
(2) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in PWM Mode 1: Figure 8.85 shows an explanatory diagram of the case where an
error occurs in normal mode and operation is restarted in PWM mode 1 after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PWM1)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC*A
TIOC*B
Port output
PEn
PEn
• Not initialized (TIOC*B)
Note: n = 0 to 15
Hi-Z
Hi-Z
Figure 8.85 Error Occurrence in Normal Mode, Recovery in PWM Mode 1
1 to 10 are the same as in figure 8.84.
11. Set PWM mode 1.
12. Initialize the pins with TIOR. (In PWM mode 1, the TIOC*B side is not initialized. If
initialization is required, initialize in normal mode, then switch to PWM mode 1.)
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com