Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 258Page - Renesas Technology Corp SH7101 Datasheet HTML 259Page - Renesas Technology Corp SH7101 Datasheet HTML 260Page - Renesas Technology Corp SH7101 Datasheet HTML 261Page - Renesas Technology Corp SH7101 Datasheet HTML 262Page - Renesas Technology Corp SH7101 Datasheet HTML 263Page - Renesas Technology Corp SH7101 Datasheet HTML 264Page - Renesas Technology Corp SH7101 Datasheet HTML 265Page - Renesas Technology Corp SH7101 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 228 of 448
REJ09B0394-0200
(6) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Reset-Synchronous PWM Mode: Figure 8.89 shows an explanatory diagram of the
case where an error occurs in normal mode and operation is restarted in reset-synchronous PWM
mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TIOR
(0 init
0 out)
12
TIOR
(disabled)
13
TOER
(0)
14
TOCR
15
TMDR
(CPWM)
16
TOER
(1)
17
PFC
(MTU)
18
TSTR
(1)
MTU module
output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
Hi-Z
Hi-Z
Hi-Z
Figure 8.89 Error Occurrence in Normal Mode, Recovery in Reset-Synchronous
PWM Mode
1 to 13 are the same as in figure 8.88.
14. Select the reset-synchronous PWM output level and cyclic output enabling/disabling with
TOCR.
15. Set reset-synchronous PWM.
16. Enable channel 3 and 4 output with TOER.
17. Set MTU output with the PFC.
18. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com