Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 261Page - Renesas Technology Corp SH7101 Datasheet HTML 262Page - Renesas Technology Corp SH7101 Datasheet HTML 263Page - Renesas Technology Corp SH7101 Datasheet HTML 264Page - Renesas Technology Corp SH7101 Datasheet HTML 265Page - Renesas Technology Corp SH7101 Datasheet HTML 266Page - Renesas Technology Corp SH7101 Datasheet HTML 267Page - Renesas Technology Corp SH7101 Datasheet HTML 268Page - Renesas Technology Corp SH7101 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 231 of 448
REJ09B0394-0200
(9) Operation when Error Occurs during PWM Mode 1 Operation, and Operation is
Restarted in PWM Mode 2: Figure 8.92 shows an explanatory diagram of the case where an
error occurs in PWM mode 1 and operation is restarted in PWM mode 2 after re-setting.
1
RESET
2
TMDR
(PWM1)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PWM2)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC*A
TIOC*B
Port output
PEn
PEn
• Not initialized (TIOC*B)
• Not initialized (cycle register)
Note: n = 0 to 15
Hi-Z
Hi-Z
Figure 8.92 Error Occurrence in PWM Mode 1, Recovery in PWM Mode 2
1 to 10 are the same as in figure 8.90.
11. Set PWM mode 2.
12. Initialize the pins with TIOR. (In PWM mode 2, the cycle register pins are not initialized.)
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.
Note:
PWM mode 2 can only be set for channels 0 to 2, and therefore TOER setting is not
necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com