Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 265Page - Renesas Technology Corp SH7101 Datasheet HTML 266Page - Renesas Technology Corp SH7101 Datasheet HTML 267Page - Renesas Technology Corp SH7101 Datasheet HTML 268Page - Renesas Technology Corp SH7101 Datasheet HTML 269Page - Renesas Technology Corp SH7101 Datasheet HTML 270Page - Renesas Technology Corp SH7101 Datasheet HTML 271Page - Renesas Technology Corp SH7101 Datasheet HTML 272Page - Renesas Technology Corp SH7101 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 235 of 448
REJ09B0394-0200
(13) Operation when Error Occurs during PWM Mode 2 Operation, and Operation is
Restarted in Normal Mode: Figure 8.96 shows an explanatory diagram of the case where an
error occurs in PWM mode 2 and operation is restarted in normal mode after re-setting.
1
RESET
2
TMDR
(PWM2)
3
TIOR
(1 init
0 out)
5
TSTR
(1)
4
PFC
(MTU)
6
Match
7
Error
occurs
8
PFC
(PORT)
9
TSTR
(0)
10
TMDR
(normal)
11
TIOR
(1 init
0 out)
12
PFC
(MTU)
13
TSTR
(1)
MTU module
output
TIOC*A
TIOC*B
Port output
PEn
PEn
• Not initialized (cycle register)
Note: n = 0 to 15
Hi-Z
Hi-Z
Figure 8.96 Error Occurrence in PWM Mode 2, Recovery in Normal Mode
1.
After a reset, MTU output is low and ports are in the high-impedance state.
2.
Set PWM mode 2.
3.
Initialize the pins with TIOR. (The example shows initial high output, with low output on
compare-match occurrence. In PWM mode 2, the cycle register pins are not initialized. In the
example, TIOC *A is the cycle register.)
4.
Set MTU output with the PFC.
5.
The count operation is started by TSTR.
6.
Output goes low on compare-match occurrence.
7.
An error occurs.
8.
Set port output with the PFC and output the inverse of the active level.
9.
The count operation is stopped by TSTR.
10. Set normal mode.
11. Initialize the pins with TIOR.
12. Set MTU output with the PFC.
13. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com