Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 263Page - Renesas Technology Corp SH7101 Datasheet HTML 264Page - Renesas Technology Corp SH7101 Datasheet HTML 265Page - Renesas Technology Corp SH7101 Datasheet HTML 266Page - Renesas Technology Corp SH7101 Datasheet HTML 267Page - Renesas Technology Corp SH7101 Datasheet HTML 268Page - Renesas Technology Corp SH7101 Datasheet HTML 269Page - Renesas Technology Corp SH7101 Datasheet HTML 270Page - Renesas Technology Corp SH7101 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 233 of 448
REJ09B0394-0200
(11) Operation when Error Occurs during PWM Mode 1 Operation, and Operation is
Restarted in Complementary PWM Mode: Figure 8.94 shows an explanatory diagram of the
case where an error occurs in PWM mode 1 and operation is restarted in complementary PWM
mode after re-setting.
1
RESET
2
TMDR
(PWM1)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(0 init
0 out)
13
TIOR
(disabled)
14
TOER
(0)
15
TOCR
16
TMDR
(CPWM)
17
TOER
(1)
18
PFC
(MTU)
19
TSTR
(1)
MTU module
output
TIOC3A
TIOC3B
TIOC3D
Port output
PE9
PE8
PE11
• Not initialized (TIOC3B)
• Not initialized (TIOC3D)
Hi-Z
Hi-Z
Hi-Z
Figure 8.94 Error Occurrence in PWM Mode 1, Recovery in Complementary PWM Mode
1 to 10 are the same as in figure 8.90.
11. Set normal mode for initialization of the normal mode waveform generation section.
12. Initialize the PWM mode 1 waveform generation section with TIOR.
13. Disable operation of the PWM mode 1 waveform generation section with TIOR.
14. Disable channel 3 and 4 output with TOER.
15. Select the complementary PWM output level and cyclic output enabling/disabling with TOCR.
16. Set complementary PWM.
17. Enable channel 3 and 4 output with TOER.
18. Set MTU output with the PFC.
19. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com