Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 220Page - Renesas Technology Corp 3886 Datasheet HTML 221Page - Renesas Technology Corp 3886 Datasheet HTML 222Page - Renesas Technology Corp 3886 Datasheet HTML 223Page - Renesas Technology Corp 3886 Datasheet HTML 224Page - Renesas Technology Corp 3886 Datasheet HTML 225Page - Renesas Technology Corp 3886 Datasheet HTML 226Page - Renesas Technology Corp 3886 Datasheet HTML 227Page - Renesas Technology Corp 3886 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-107
2.6 PWM
Fig. 2.6.2 Structure of Port control register 1
2.6.2 Relevant registers
Port control register 1
b7b6b5b4b3b2b1b0
B
Function
At reset RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Port control register 1 (PCTL1) [Address 2E 16]
PWM1 enable bit
✕
✕
✕
✕
✕
✕
✕
✕
P00–P03 output structure
selection bit
0: PWM0 output disabled
1: PWM0 output enabled
P14–P17 output structure
selection bit
0: CMOS
1: N-channel open-drain
P04–P07 output structure
selection bit
P10–P13 output structure
selection bit
P30–P33 pull-up control bit
P34–P37 pull-up control bit
PWM0 enable bit
0: CMOS
1: N-channel open-drain
0: CMOS
1: N-channel open-drain
0: CMOS
1: N-channel open-drain
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: PWM1 output disabled
1: PWM1 output enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com