Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 218Page - Renesas Technology Corp 3886 Datasheet HTML 219Page - Renesas Technology Corp 3886 Datasheet HTML 220Page - Renesas Technology Corp 3886 Datasheet HTML 221Page - Renesas Technology Corp 3886 Datasheet HTML 222Page - Renesas Technology Corp 3886 Datasheet HTML 223Page - Renesas Technology Corp 3886 Datasheet HTML 224Page - Renesas Technology Corp 3886 Datasheet HTML 225Page - Renesas Technology Corp 3886 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 380 page
background image
3886 Group User’s Manual
2-105
APPLICATION
2.5 Multi-master I2C-BUS interface
(5)
Process of after STOP condition generating
Do not write data in the I2C data shift register (S0) and the I2C status register (S1) until the bus busy
flag BB becomes “0” after generating the STOP condition in the master mode. Because the STOP
condition waveform might not be normally generated. Reading to the above registers does not have
the problem.
(6)
STOP condition input at 7th clock pulse
The SDA line may be held at LOW even if flag BB is set to “0” when all the following conditions are
satisfied:
•The STOP condition is input at the 7th clock pulse while receiving a slave address or data.
•The clock pulse is continuously input.
•In the slave mode
Countermeasure:
Write dummy data to the I2C data shift register or reset the ES0 bit in the S1D register (ES0 = “L”
→ ES0 = “H”) during a stop condition interrupt routine with flag BB = “0”.
Note: Do not use the read-modify-write instruction at this time. Furthermore, when the ES0 bit is
set to “0”, the SDA pin becomes a general-purpose port ; so that the port must be set to input
mode or output “H”.
(7)
ES0 bit switch
In standard clock mode when SSC = “000102” or in high-speed clock mode, flag BB may switch to
“1” if ES0 bit is set to “1” when SDA is “L”.
Countermeasure:
Set ES0 to “1” when SDA is “H”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com