Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 216Page - Renesas Technology Corp 3886 Datasheet HTML 217Page - Renesas Technology Corp 3886 Datasheet HTML 218Page - Renesas Technology Corp 3886 Datasheet HTML 219Page - Renesas Technology Corp 3886 Datasheet HTML 220Page - Renesas Technology Corp 3886 Datasheet HTML 221Page - Renesas Technology Corp 3886 Datasheet HTML 222Page - Renesas Technology Corp 3886 Datasheet HTML 223Page - Renesas Technology Corp 3886 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 380 page
background image
3886 Group User’s Manual
2-103
APPLICATION
2.5 Multi-master I2C-BUS interface
2.5.7 Notes on multi-master I2C-BUS interface
(1)
Read-modify-write instruction
Precautions for read-modify-write instructions, such as SEB and CLB, when used for any of the
registers of the multi-master I2C-BUS interface, are described below.
➀ I2C data shift register (S0: address 001216)
When executing the read-modify-write instruction for this register during transfer, data may become
an unexpected value.
➁ I2C address register (S0D: address 001316)
When the read-modify-write instruction is executed for this register at detecting the STOP condition,
data may become an unexpected value.
q Reason
Because hardware changes the read/write bit (RWB) at detecting the STOP condition.
➂ I2C status register (S1: address 001416)
Do not execute the read-modify-write instruction for this register because all bits of this register
are changed by hardware.
➃ I2C control register (S1D: address 001516)
When the read-modify-write instruction is executed for this register at detecting the START condition
or at completing the byte transfer, data may become an unexpected value.
q Reason
Because hardware changes the bit counter (BC0 to BC2).
➄ I2C clock control register (S2: address 001616)
The read-modify-write instruction can be executed for this register.
➅ I2C START/STOP condition control register (S2D: address 001716)
The read-modify-write instruction can be executed for this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com