Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 253Page - Renesas Technology Corp 3886 Datasheet HTML 254Page - Renesas Technology Corp 3886 Datasheet HTML 255Page - Renesas Technology Corp 3886 Datasheet HTML 256Page - Renesas Technology Corp 3886 Datasheet HTML 257Page - Renesas Technology Corp 3886 Datasheet HTML 258Page - Renesas Technology Corp 3886 Datasheet HTML 259Page - Renesas Technology Corp 3886 Datasheet HTML 260Page - Renesas Technology Corp 3886 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 380 page
background image
2-140
3886 Group User’s Manual
APPLICATION
2.10 Watchdog timer
Fig. 2.10.6 Control procedure
Fig. 2.10.5 Relevant registers setting
2.10.4 Notes on watchdog timer
qMake sure that the watchdog timer does not underflow while waiting Stop release, because the watchdog
timer keeps counting during that term.
qWhen the STP instruction disable bit has been set to “1”, it is impossible to switch it to “0” by a program.
CPUM0
b0
b7
0
0
0
WDTCON
1
b0
b7
0
0
0
CPU mode register (address 3B16)
Processor mode: Single-chip mode
Main clock (XIN-XOUT): Operating
Main clock division ratio: f(XIN)/2 (high-speed mode)
Watchdog timer H (for read-out of high-order 6 bits)
Watchdog timer control register (address 1E16)
Enable STP instruction
Watchdog timer H count source: Watchdog timer L underflow
Initialization
SEI
CLT
CLD
CPUM (address 3B16)
:
:
CLI
000XXX002
WDTCON (address 1E16), bit7,bit6
002
RESET
Main processing
:
:
•All interrupts disabled
•Processor mode: Single-chip mode
•Main clock f(XIN): Operating
•High-speed mode selected as main clock division ratio
•Interrupts enabled
•Watchdog timer L underflow selected as Watchdog
timer H count source
•STP instruction enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com