Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 249Page - Renesas Technology Corp 3886 Datasheet HTML 250Page - Renesas Technology Corp 3886 Datasheet HTML 251Page - Renesas Technology Corp 3886 Datasheet HTML 252Page - Renesas Technology Corp 3886 Datasheet HTML 253Page - Renesas Technology Corp 3886 Datasheet HTML 254Page - Renesas Technology Corp 3886 Datasheet HTML 255Page - Renesas Technology Corp 3886 Datasheet HTML 256Page - Renesas Technology Corp 3886 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 380 page
background image
2-136
3886 Group User’s Manual
APPLICATION
2.9 Bus interface
Figure 2.9.11 shows the control procedure using the interrupt.
Fig. 2.9.11 Control procedure using interrupt
DBBCON (address 2A16)
XXXX10012
Read out DBB0 (address 2816) as command
DBBSTS0 (address 2916), bit3 ?
1
0
INTSEL (address 3916)
XXXXXX112
Read out DBBSTS0 (address 2916)
Write data to DBB0(address 2816)
• Data bus buffer enabled
• Single data bus buffer mode selected
• OBF00 validated (P42 output)
• Input buffer full interrupt source selected
• Output buffer empty interrupt source selected
< Input >
< Output >
Read out DBB0 (address 2816) as data
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com