Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 267Page - Renesas Technology Corp 3886 Datasheet HTML 268Page - Renesas Technology Corp 3886 Datasheet HTML 269Page - Renesas Technology Corp 3886 Datasheet HTML 270Page - Renesas Technology Corp 3886 Datasheet HTML 271Page - Renesas Technology Corp 3886 Datasheet HTML 272Page - Renesas Technology Corp 3886 Datasheet HTML 273Page - Renesas Technology Corp 3886 Datasheet HTML 274Page - Renesas Technology Corp 3886 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 380 page
background image
2-154
3886 Group User’s Manual
APPLICATION
2.14 Processor mode
2.14 Processor mode
This paragraph explains usage examples and others relevant to the processor mode.
(Support product: M38867M8A/E8A)
2.14.1 Memory map
Fig. 2.14.1 Memory map of registers relevant to processor mode
2.14.2 Relevant registers
Fig. 2.14.2 Structure of CPU mode register
003B16 CPU mode register (CPUM)
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register
(CPUM: address 3B16)
00 : Single-chip mode
01 : Memory expansion mode (Note)
10 : Microprocessor mode (Note)
11 : Not available
b
0
1
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : 0 page
1 : 1 page
0
1
0
0: Oscillating
1: Stopped
0
1
0
Processor mode
bits
Stack page
selection bit
Port Xc switch bit
Fix this bit to “1”.
Main clock (XIN-
XOUT) stop bit
Main clock division
ratio selection bits
*: The initial value of bit 1 depends on the CNVss level.
Note: This mode is not available for M38869M8A/MCA/MFA or the
flash memory version.
b1 b0
b7 b6
0 0:
φ=f(XIN)/2
(high-speed mode)
0 1:
φ=f(XIN)/8
(middle-speed mode)
1 0:
φ=f(XCIN)/2
(low-speed mode)
1 1: Not available
0: I/O port function
(oscillation stopped)
1: XCIN-XCOUT oscillation
function
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com