Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 270Page - Renesas Technology Corp 3886 Datasheet HTML 271Page - Renesas Technology Corp 3886 Datasheet HTML 272Page - Renesas Technology Corp 3886 Datasheet HTML 273Page - Renesas Technology Corp 3886 Datasheet HTML 274Page - Renesas Technology Corp 3886 Datasheet HTML 275Page - Renesas Technology Corp 3886 Datasheet HTML 276Page - Renesas Technology Corp 3886 Datasheet HTML 277Page - Renesas Technology Corp 3886 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-157
2.14 Processor mode
Fig. 2.14.6 Write cycle (W control, SRAM)
td(AL—WR): WR delay time after address output of 3886 group
tWL(WR): WR pulse width of 3886 group
td(WR—DB): Data bus delay time after WR of 3886 group
tsu(D): Data set up time of M5M5256BP
65 ns (max.)
35 ns (min.)
Data
DQ1 to DQ8
(Port P2)
S
(AD15)
OE
(3886 group’s RD)
“H” level
125 ns—10 ns (min.)
125 ns—40 ns (min.)
W
(3886 group’s WR)
td(AL—WR)
tWL(WR)
td(WR—DB)
tsu(D)
A0 to A7
(Port P0)
A8 to A14
(Port P1)
Low-order address
High-order address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com