Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 272Page - Renesas Technology Corp 3886 Datasheet HTML 273Page - Renesas Technology Corp 3886 Datasheet HTML 274Page - Renesas Technology Corp 3886 Datasheet HTML 275Page - Renesas Technology Corp 3886 Datasheet HTML 276Page - Renesas Technology Corp 3886 Datasheet HTML 277Page - Renesas Technology Corp 3886 Datasheet HTML 278Page - Renesas Technology Corp 3886 Datasheet HTML 279Page - Renesas Technology Corp 3886 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-159
2.14 Processor mode
(3)
External memory connection example at f(XIN) = 8 MHz or more
Outline: When the access time of an external memory is fast, it is possible to use at f(XIN) = 8 MHz
or more. The RAM which meets the following conditions can be used at f(XIN) = 9 MHz:
•OE access time: ta(OE)
≤ 35 ns
•Data set up time at write: tsu(D)
≤ 50 ns.
For example, the M5M5256BP-70, whose address access time is 70 ns, can be used.
Figure 2.14.8 shows the expansion example of 32-Kbytes ROM and RAM.
Fig. 2.14.8 Expansion example of 32-Kbytes ROM and RAM at f(XIN) = 8 MHz or more
3886 group
CNVSS
ONW
AD15
8
P4
8P5
8
P6
AD14
to
AD0
DB0
to
DB7
RD
WR
M5M27C256AK-85
M5M5256BP-70
CE
A0 to A14
D0 to D7
OE
A0 to A14
DQ1 to DQ8
OE
W
9MHz
VCC = 5.0 V
±10 %
External RAM area
(M5M5256BP)
SFR area
Internal RAM area
External RAM area
(M5M5256BP)
External ROM area
(M5M27C256AK)
000016
800016
044016
004016
000816
FFFF16
Memory map
74F04
S
15
8
2
P30, P31
EPROM
SRAM
8
P7
8
P8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com