Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 269Page - Renesas Technology Corp 3886 Datasheet HTML 270Page - Renesas Technology Corp 3886 Datasheet HTML 271Page - Renesas Technology Corp 3886 Datasheet HTML 272Page - Renesas Technology Corp 3886 Datasheet HTML 273Page - Renesas Technology Corp 3886 Datasheet HTML 274Page - Renesas Technology Corp 3886 Datasheet HTML 275Page - Renesas Technology Corp 3886 Datasheet HTML 276Page - Renesas Technology Corp 3886 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 380 page
background image
2-156
3886 Group User’s Manual
APPLICATION
2.14 Processor mode
Figures 2.14.4 to 2.14.6 show the basic timing at 8 MHz (no wait) operating.
Fig. 2.14.4 Read cycle (OE access, SRAM)
Fig. 2.14.5 Read cycle (OE access, EPROM)
50 ns (max.)
65 ns (min.)
A0 to A7
(Port P0)
A8 to A14
(Port P1)
Data
DQ1 to DQ8
(Port P2)
S
(AD15)
W
(3886 group’s WR)
“H” level
125 ns—10 ns (min.)
125ns—40 ns (min.)
OE
(3886 group’s RD)
td(AL–RD)
tWL(RD)
ta(OE)
tsu(DB—RD)
td(AL—RD)
: RD delay time after address output of 3886 group
tWL(RD)
: RD pulse width of 3886 group
ta(OE)
: Output enable access time of M5M5256BP
tsu(DB—RD) : Data bus set up time before RD of 3886 group
Low-order address
High-order address
50 ns (max.)
65 ns (min.)
A0 to A7
(Port P0)
A8 to A14
(Port P1)
Data
D0 to D7
(Port P2)
CE
5.8 ns (max.)
tPHL
125 ns—10 ns (min.)
125 ns—40 ns (min.)
OE
(3886 group’s RD)
td(AL—RD)
tWL(RD)
ta(OE)
tsu(DB—RD)
tPHL
: Output delay time of 74F04
td(AL—RD)
: RD delay time after address output of 3886 group
tWL(RD)
: RD pulse width of 3886 group
ta(OE)
: Output enable access time of M5M27C256AK
tsu(DB—RD) : Data bus set up time before RD of 3886 group
Low-order address
High-order address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com