Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 273Page - Renesas Technology Corp 3886 Datasheet HTML 274Page - Renesas Technology Corp 3886 Datasheet HTML 275Page - Renesas Technology Corp 3886 Datasheet HTML 276Page - Renesas Technology Corp 3886 Datasheet HTML 277Page - Renesas Technology Corp 3886 Datasheet HTML 278Page - Renesas Technology Corp 3886 Datasheet HTML 279Page - Renesas Technology Corp 3886 Datasheet HTML 280Page - Renesas Technology Corp 3886 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 380 page
background image
2-160
3886 Group User’s Manual
APPLICATION
2.14 Processor mode
Figures 2.14.9 to 2.14.11 show the basic timing at 9 MHz (no wait) operating.
Fig. 2.14.9 Read cycle (OE access, SRAM)
Fig. 2.14.10 Read cycle (OE access, EPROM)
35 ns (max.)
50 ns (min.)
A0 to A7
(Port P0)
High-order address
A8 to A14
(Port P1)
Data
DQ1 to DQ8
(Port P2)
S
(AD15)
WR
“H” level
111 ns—10 ns (min.)
111 ns—40ns (min.)
OE
(3886 group’s RD)
td(AL—RD)
tWL(RD)
ta(OE)
tsu(DB—RD)
td(AL—RD): RD delay time after address output of 3886 group
tWL(RD): RD pulse width of 3886 group
ta(OE): Output enable access time of M5M5256BP
tsu(DB—RD): Data bus set up time before RD of 3886 group
Low-order address
45 ns (max.)
50 ns (min.)
A0 to A7
(Port P0)
High-order address
A8 to A14
(Port P1)
Data
D0 to D7
(Port P2)
WR
“H” level
CE
5.8 ns (max.)
tPHL
111 ns—10ns (min.)
111 ns—40 ns (min.)
OE
(3886 group’s RD)
td(AL—RD)
tWL(RD)
ta(OE)
tsu(DB—RD)
tPHL
: Output delay time of 74F04
td(AL—RD): RD delay time after address output of 3886 group
tWL(RD): RD pulse width of 3886 group
ta(OE): Output enable access time of M5M27C256AK
tsu(DB—RD): Data bus set up time before RD of 3886 group
Low-order address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com