Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 277Page - Renesas Technology Corp 3886 Datasheet HTML 278Page - Renesas Technology Corp 3886 Datasheet HTML 279Page - Renesas Technology Corp 3886 Datasheet HTML 280Page - Renesas Technology Corp 3886 Datasheet HTML 281Page - Renesas Technology Corp 3886 Datasheet HTML 282Page - Renesas Technology Corp 3886 Datasheet HTML 283Page - Renesas Technology Corp 3886 Datasheet HTML 284Page - Renesas Technology Corp 3886 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 380 page
background image
2-164
3886 Group User’s Manual
APPLICATION
2.15 Flash memory
Fig. 2.15.4 Structure of Flash command register
2.15.4 Parallel I/O mode
In the parallel I/O mode, program/erase to the built-in flash memory can be performed by a general EPROM
programmer.
Set the programming mode of the EPROM programmer to M5M28F101 and set the memory area of
program/erase from 0100016 to 0FFFF16. Be especially careful when erasing; if the memory area is not set
correctly, the products will be damaged eternally.
Table 2.15.1 shows the setting of EPROM programmers when programming in the parallel I/O mode.
Table 2.15.1 Setting of EPROM programmers when parallel programming
Products
M38869FFAHP
M38869FFAGP
Programming adapter
PCA4738HF-80
PCA4738GF-80
Programming mode
M5M28F101
Memory area
0100016 to 0FFFF16
Flash command register
b7 b6 b5 b4 b3 b2 b1 b0
Flash command register
(FCMD: address FFF16)
b
0
0
At reset R W
1
2
3
4
5
6
7
Functions
Writing of software command
<Software command name>
• Read command
• Program command
• Program verify command
• Erase command
• Erase verify command
• Reset command
<Command code>
• “0016”
• “4016”
• “C016”
• “2016”+ “2016”
• “A016”
• “FF16” + “FF16”
Note: The flash command register is a write-only register.
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com