Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 281Page - Renesas Technology Corp 3886 Datasheet HTML 282Page - Renesas Technology Corp 3886 Datasheet HTML 283Page - Renesas Technology Corp 3886 Datasheet HTML 284Page - Renesas Technology Corp 3886 Datasheet HTML 285Page - Renesas Technology Corp 3886 Datasheet HTML 286Page - Renesas Technology Corp 3886 Datasheet HTML 287Page - Renesas Technology Corp 3886 Datasheet HTML 288Page - Renesas Technology Corp 3886 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 380 page
background image
2-168
3886 Group User’s Manual
APPLICATION
2.15 Flash memory
➀ When control signals are not affected to user system circuit
When the control signals in the serial I/O mode are not used or not affected to the user system
circuit, they can be connected as shown in Figure 2.15.6.
Fig. 2.15.6 Connection example in serial I/O mode (1)
➁ When control signals are affected to user system circuit-1
Figure 2.15.7 shows an example that the jumper switch cut-off the control signals not to supply
to the user system circuit in the serial I/O mode.
Fig. 2.15.7 Connection example in serial I/O mode (2)
M38869FF
Target board
RESET
VPP(CNVSS)
SDA(P44)
SCLK(P46)
OE(P37)
XIN XOUT
BUSY(P47)
User reset signal (Low active)
Not used or to user system circuit
: When not used, set to input mode and pull up or pull down, or set to output mode and open.
VSS
VCC
AVSS
*
*
M38869FF
Target board
RESET
VPP(CNVSS)
XIN XOUT
User reset signal (Low active)
To user system circuit
SDA(P44)
SCLK(P46)
OE(P37)
BUSY(P47)
VSS
VCC
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com