Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 283Page - Renesas Technology Corp 3886 Datasheet HTML 284Page - Renesas Technology Corp 3886 Datasheet HTML 285Page - Renesas Technology Corp 3886 Datasheet HTML 286Page - Renesas Technology Corp 3886 Datasheet HTML 287Page - Renesas Technology Corp 3886 Datasheet HTML 288Page - Renesas Technology Corp 3886 Datasheet HTML 289Page - Renesas Technology Corp 3886 Datasheet HTML 290Page - Renesas Technology Corp 3886 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 380 page
background image
2-170
3886 Group User’s Manual
APPLICATION
2.15 Flash memory
(2)
Control example in CPU reprogramming mode
In this example, the built-in flash memory is reprogrammed in the CPU reprogramming mode by
serial I/O, receiving the reprogramming data (updated data).
Figure 2.15.9 shows an example of the reprogramming system for the built-in flash memory in the
CPU reprogramming mode.
Fig. 2.15.9 Example of reprogramming system for built-in flash memory in CPU reprogramming
mode
q Specifications
➀ CPU reprogramming mode is selected/released by the input signal to Pi2.
➁ Updated data is received by serial I/O.
➂ The transfer enable state of serial transmit side is judged by “L” level input to Pi0.
➃ VPP control circuit is turned ON/OFF by the output from Pi1 (refer to Figure 2.15.14 and Figure
2.15.15).
VPP circuit control port
M38869FF
VPP(CNVSS)
XIN XOUT
Pi2
User reset signal
VPP *
control
circuit
Pi1
10 MHz
CLK1
RxD1
TxD1
Pi0
Port for CPU reprogramming mode
switch
(CPU reprogramming mode is
selected/released by port Pi2 input signal)
VCC
VSS
RESET
(i = 0 to 8)
Reprogramming data input control
(Updated data is received by serial I/O)
Refer to Figure 2.15.14 and Figure 2.15.15.
*
ON/OFF of VPP control
circuit is controlled by
port Pi1 output.
0V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com