Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 286Page - Renesas Technology Corp 3886 Datasheet HTML 287Page - Renesas Technology Corp 3886 Datasheet HTML 288Page - Renesas Technology Corp 3886 Datasheet HTML 289Page - Renesas Technology Corp 3886 Datasheet HTML 290Page - Renesas Technology Corp 3886 Datasheet HTML 291Page - Renesas Technology Corp 3886 Datasheet HTML 292Page - Renesas Technology Corp 3886 Datasheet HTML 293Page - Renesas Technology Corp 3886 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-173
2.15 Flash memory
Fig. 2.15.12 CPU reprogramming control program example (3)
*1: Waiting by software until VPP input voltage is stabilized at VPPL
is recommended. (Refer to Figure 2.15.14 and Figure 2.15.15
VPP voltage control timing B.)
*2: The wait time depends on VPP control circuit (Refer to Figure
2.15.14 and Figure 2.15.15 VPP voltage control timing C.)
CPU reprogramming mode
select bit = “0”
CPU reprogramming error
NO
YES
NO
Retry counter
=1000 ?
YES
NO
YES
Wait 5 ms *2
Continued to “CPU reprogramming
control program example (2)” on
previous page
Continued from “CPU reprogramming
control program example (2)” on
previous page
Port Pi1 = “0”
Apply VPP voltage = VPPL
waiting for stabilizing *1
CPU reprogramming
mode monitor flag
= “0” ?
CPU reprogramming
mode select bit
= “0”
Continued from ➂
➄ CPU reprogramming mode release
Initialize watchdog timer (write to
watchdog timer control register) to
prevent generation of watchdog timer
interrupt during this processing.
b
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com