Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 287Page - Renesas Technology Corp 3886 Datasheet HTML 288Page - Renesas Technology Corp 3886 Datasheet HTML 289Page - Renesas Technology Corp 3886 Datasheet HTML 290Page - Renesas Technology Corp 3886 Datasheet HTML 291Page - Renesas Technology Corp 3886 Datasheet HTML 292Page - Renesas Technology Corp 3886 Datasheet HTML 293Page - Renesas Technology Corp 3886 Datasheet HTML 294Page - Renesas Technology Corp 3886 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 380 page
background image
2-174
3886 Group User’s Manual
APPLICATION
2.15 Flash memory
Fig. 2.15.13 CPU reprogramming control program example (4)
NO
YES
Issue program command
Reprogramming data is written
to program address
NO
YES
PASS
FAIL
NO
YES
12 V applied circuit
to VPP “OFF”
➄ CPU reprogramming mode release
Initialize watchdog timer (write to
watchdog timer control register) to
prevent generation of watchdog timer
interrupt during this processing.
NO
Retry counter + 1
NO
YES
NO
YES
➃ Program/program verify
Initialize watchdog timer (write to
watchdog timer control register) to
prevent generation of watchdog
timer interrupt during this
processing.
YES
END
NO
YES
Program address + 1
Set program start address
Continued from “CPU reprogramming control
program example (2)” on page before previous
Initialization of software counter
(retry counter) for reprogramming
retry count = “0”
Reprogramming data receive
from serial I/O
Wait 1
µs *1
Erase/program
busy flag = “0” ?
Issue program verify command
Wait 6
µs *1
Program verify
data check
Program last address
Port Pi1 = “0”
Apply VPP voltage = VPPL
waiting for stabilizing *2
CPU reprogramming
mode monitor flag
= “0” ?
Wait 5 ms *3
CPU reprogramming mode
select bit = “0”
CPU reprogramming
mode select bit
= “0”
Waiting for release of CPU
reprogramming mode
CPU reprogramming
mode select bit
= “0”
CPU reprogramming error
CPU reprogramming
mode select bit = “0”
CPU reprogramming
mode monitor flag
= “0” ?
Wait 5 ms *3
Port Pi1 = “0”
Apply VPP voltage = VPPL
waiting for stabilizing *2
Retry counter
= 25?
“4016” is written to flash
command register
(address 0FFF16)
“C016” is written to flash
command register
(address 0FFF16)
Waiting for program
completed
*1: The wait processing time shown in the flow chart is required regardless of the external clock input frequency.
*2: Waiting by software until VPP input voltage is stabilized at VPPL is recommended. (Refer to Figure 2.15.14 and
Figure 2.15.15 VPP voltage control timing B.)
*3: The waiting time depends on VPP control circuit (Refer to Figure 2.15.14 and Figure 2.15.15 VPP voltage control
timing C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com