Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 289Page - Renesas Technology Corp 3886 Datasheet HTML 290Page - Renesas Technology Corp 3886 Datasheet HTML 291Page - Renesas Technology Corp 3886 Datasheet HTML 292Page - Renesas Technology Corp 3886 Datasheet HTML 293Page - Renesas Technology Corp 3886 Datasheet HTML 294Page - Renesas Technology Corp 3886 Datasheet HTML 295Page - Renesas Technology Corp 3886 Datasheet HTML 296Page - Renesas Technology Corp 3886 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 380 page
background image
2-176
3886 Group User’s Manual
APPLICATION
2.15 Flash memory
2.15.8 Notes on CPU reprogramming mode
(1)
Transfer the CPU reprogramming mode control program to the internal RAM before selecting the
CPU reprogramming mode, and then, execute it on the internal RAM. Additionally, when the subroutine
or stack operation instruction is used in the control program, make sure the control program is not
destroyed by the stack operation.
(2)
Make sure each instruction description (specified address etc.) is correct, because the CPU reprogramming
mode control program is transferred to the internal RAM and executed on the internal RAM.
(3)
In order to avoid generation of a watchdog timer reset, write to the watchdog timer control register
periodically during the CPU reprogramming mode control program (refer to “2.7 Watchdog timer”).
(4)
Notes on flash memory version
The CNVSS pin is connected to the internal memory circuit block by a low-ohmic resistance, since it
works as a program power source pin (VPP pin), as well.
To improve the noise margin, connect the CNVSS pin to VSS through 1 to 10 k
Ω resistor.
When the CNVSS pin of the mask ROM version is connected to Vss through this resistor, the function
of mask ROM version works well in the same manner as flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com