Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 292Page - Renesas Technology Corp 3886 Datasheet HTML 293Page - Renesas Technology Corp 3886 Datasheet HTML 294Page - Renesas Technology Corp 3886 Datasheet HTML 295Page - Renesas Technology Corp 3886 Datasheet HTML 296Page - Renesas Technology Corp 3886 Datasheet HTML 297Page - Renesas Technology Corp 3886 Datasheet HTML 298Page - Renesas Technology Corp 3886 Datasheet HTML 299Page - Renesas Technology Corp 3886 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3-3
3.1 Electrical characteristics
Table 3.1.2 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, Ta = –20 to 85 °C, unless otherwise noted)
3.1.2 Recommended operating conditions
5.5
5.5
5.5
VCC
VCC
VCC
VCC
5.5
5.5
5.5
VCC
5.5
VCC
5.5
VCC
0.2VCC
0.3VCC
0.6
0.2VCC
0.8
0.2VCC
0.16VCC
Power source voltage (f(XIN)
≤ 4.1 MHz)
Power source voltage (f(XIN)
= 10 MHz)
Power source voltage (flash memory version)
Power source voltage
Analog reference voltage (when A-D converter is used)
Analog reference voltage (when D-A converter is used)
Analog power source voltage
A-D converter input voltage
AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40, P41,
P47, P50–P57, P60–P67, P80–P87
“H” input voltage
P76, P77
“H” input voltage (when I2C-BUS input level is selected)
SDA, SCL
“H” input voltage (when SMBUS input level is selected)
SDA, SCL
“H” input voltage (when CMOS input level is selected)
P42–P46, DQ0–DQ7, W, R, S0, S1, A0
“H” input voltage (when CMOS input level is selected)
P70–P75
“H” input voltage (when TTL input level is selected)
P42–P46, DQ0–DQ7, W, R, S0, S1, A0 (Note)
“H” input voltage (when TTL input level is selected)
P70–P75 (Note)
“H” input voltage
RESET, XIN, XCIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47,
P50–P57, P60–P67, P70–P77, P80–P87
“L” input voltage (when I2C-BUS input level is selected)
SDA, SCL
“L” input voltage (when SMBUS input level is selected)
SDA, SCL
“L” input voltage (when CMOS input level is selected)
P42–P46, P70–P75, DQ0–DQ7, W, R, S0, S1, A0
“L” input voltage (when TTL input level is selected)
P42–P46, P70–P75, DQ0–DQ7, W, R, S0, S1, A0 (Note)
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN, XCIN
VCC
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
2.7
4.0
4.0
2.0
2.7
AVSS
0.8VCC
0.8VCC
0.7VCC
1.4
0.8VCC
0.8VCC
2.0
2.0
0.8VCC
0
0
0
0
0
0
0
5.0
5.0
5.0
0
0
Typ.
Max.
Note : When VCC is 4.0 to 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com