Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 296Page - Renesas Technology Corp 3886 Datasheet HTML 297Page - Renesas Technology Corp 3886 Datasheet HTML 298Page - Renesas Technology Corp 3886 Datasheet HTML 299Page - Renesas Technology Corp 3886 Datasheet HTML 300Page - Renesas Technology Corp 3886 Datasheet HTML 301Page - Renesas Technology Corp 3886 Datasheet HTML 302Page - Renesas Technology Corp 3886 Datasheet HTML 303Page - Renesas Technology Corp 3886 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3-7
3.1 Electrical characteristics
3.1.4 A-D converter characteristics
bit
LSB
2tc(XIN)
k
Ω
µA
µA
µA
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference power
source input current
A-D port input current
Min.
12
50
Typ.
35
150
Max.
10
±4
61
100
200
5
5.0
VCC = VREF = 5.0 V
VREF = 5.0 V
VREF = 5.0 V
Table 3.1.7 A-D converter characteristics (1)
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, VREF = 2.0 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
10-bit A-D mode (when conversion mode selection bit (bit 7 of address 003816) is “0”)
Unit
Limits
Parameter
–
–
tCONV
RLADDER
IVREF
II(AD)
Test conditions
at A-D converter operated
at A-D converter stopped
Note 1: Using one D-A converter, with the value in the D-A conversion register of the other D-A converter being “0016”.
Table 3.1.10 Comparator characteristics
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Table 3.1.8 A-D converter characteristics (2)
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, VREF = 2.0 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
8-bit A-D mode (when conversion mode selection bit (bit 7 of address 003816) is “1”)
Table 3.1.9 D-A converter characteristics
(VCC = 2.7 to 5.5 V, VCC = 4.0 to 5.5 V for flash memory version, VREF = 2.7 V to VCC, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
bit
LSB
2tc(XIN)
k
Ω
µA
µA
µA
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference power
source input current
A-D port input current
Min.
12
50
Typ.
35
150
Max.
8
±2
50
100
200
5
5.0
VCC = VREF = 5.0 V
VREF = 5.0 V
VREF = 5.0 V
Unit
Limits
Parameter
–
–
tCONV
RLADDER
IVREF
II(AD)
Test conditions
at A-D converter operated
at A-D converter stopped
Symbol
Bits
%
%
µs
k
Ω
mA
Resolution
Absolute accuracy
Setting time
Output resistor
Reference power source input current (Note 1)
Min.
1
Typ.
2.5
Max.
8
1.0
2.5
3
4
3.2
Unit
Limits
Parameter
–
–
tsu
RO
IVREF
Test conditions
VCC = 4.0 to 5.5 V
VCC = 2.7 to 4.0 V
Symbol
LSB
µs
µs
µs
V
µA
k
Ω
V
V
Absolute accuracy
Conversion time
Analog input voltage
Analog input current
Ladder resistor
Internal reference voltage
External reference input voltage
Min.
0
20
VCC/32
Typ.
40
29VCC
/32
Max.
1/2
2.8
3.5
7
VCC
5.0
50
VCC
Unit
Limits
Parameter
–
TCONV
VIA
IIA
RLADDER
CMPREF
Test conditions
Symbol
1LSB = VCC/16
at 10 MHz operating
at 8 MHz operating
at 4 MHz operating
3.1.5 D-A converter characteristics
3.1.6 Comparator characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com