Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 300Page - Renesas Technology Corp 3886 Datasheet HTML 301Page - Renesas Technology Corp 3886 Datasheet HTML 302Page - Renesas Technology Corp 3886 Datasheet HTML 303Page - Renesas Technology Corp 3886 Datasheet HTML 304Page - Renesas Technology Corp 3886 Datasheet HTML 305Page - Renesas Technology Corp 3886 Datasheet HTML 306Page - Renesas Technology Corp 3886 Datasheet HTML 307Page - Renesas Technology Corp 3886 Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3-11
3.1 Electrical characteristics
3.1.9 Switching characteristics
Table 3.1.15 Switching characteristics (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time (Note 1)
Serial I/O1 output valid time (Note 1)
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
tWH (SCLK1)
tWL (SCLK1)
td (SCLK1-TXD)
tV (SCLK1-TXD)
tr (SCLK1)
tf (SCLK1)
tWH (SCLK2)
tWL (SCLK2)
td (SCLK2-SOUT2)
tV (SCLK2-SOUT2)
tf (SCLK2)
tr (CMOS)
tf (CMOS)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
tC(SCLK1)/2–30
tC(SCLK1)/2–30
–30
tC(SCLK2)/2–160
tC(SCLK2)/2–160
0
Typ.
10
10
Max.
140
30
30
200
30
30
30
Symbol
Unit
Notes 1: When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: The XOUT pin is excluded.
Test
conditions
Fig. 3.1.1
Fig. 3.1.2
Fig. 3.1.1
Table 3.1.16 Switching characteristics (2)
(VCC = 2.7 to 4.0 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Serial I/O1 clock output “H” pulse width
Serial I/O1 clock output “L” pulse width
Serial I/O1 output delay time (Note 1)
Serial I/O1 output valid time (Note 1)
Serial I/O1 clock output rising time
Serial I/O1 clock output falling time
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
tWH (SCLK1)
tWL (SCLK1)
td (SCLK1-TXD)
tV (SCLK1-TXD)
tr (SCLK1)
tf (SCLK1)
tWH (SCLK2)
tWL (SCLK2)
td (SCLK2-SOUT2)
tV (SCLK2-SOUT2)
tf (SCLK2)
tr (CMOS)
tf (CMOS)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
tC(SCLK1)/2–50
tC(SCLK1)/2–50
–30
tC(SCLK2)/2–240
tC(SCLK2)/2–240
0
Typ.
20
20
Max.
350
50
50
400
50
50
50
Symbol
Unit
Notes 1: When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: The XOUT pin is excluded.
Test
conditions
Fig. 3.1.1
Fig. 3.1.2
Fig. 3.1.1
3.1.10 Switching characteristics for system bus interface
Table 3.1.17 Switching characteristics for system bus interface (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
After read data output enable time
After read data output disable time
After read OBF00, OBF01, OBF10 output propagation time
ta(R-D)
tv(R-D)
tPLH(R-OBF)
Limits
ns
ns
ns
Parameter
Min.
Typ.
Max.
Symbol
Unit
0
80
30
150
Table 3.1.18 Switching characteristics for system bus interface (2)
(VCC =2.7 to 4.0 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
After read data output enable time
After read data output disable time
After read OBF00, OBF01, OBF10 output propagation time
ta(R-D)
tv(R-D)
tPLH(R-OBF)
Limits
ns
ns
ns
Parameter
Min.
Typ.
Max.
Symbol
Unit
0
130
85
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com