Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 299Page - Renesas Technology Corp 3886 Datasheet HTML 300Page - Renesas Technology Corp 3886 Datasheet HTML 301Page - Renesas Technology Corp 3886 Datasheet HTML 302Page - Renesas Technology Corp 3886 Datasheet HTML 303Page - Renesas Technology Corp 3886 Datasheet HTML 304Page - Renesas Technology Corp 3886 Datasheet HTML 305Page - Renesas Technology Corp 3886 Datasheet HTML 306Page - Renesas Technology Corp 3886 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3-10
Table 3.1.14 Timing requirements for system bus interface (2)
(VCC = 2.7 to 4.0 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Table 3.1.13 Timing requirements for system bus interface (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
S0, S1 setup time
S0, S1 setup time
S0, S1 hold time
S0, S1 hold time
A0 setup time
A0 setup time
A0 hold time
A0 hold time
tsu (S-R)
tsu (S-W)
th (R-S)
th (W-S)
tsu (A-R)
tsu (A-W)
th (R-A)
th (W-A)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
0
0
0
0
10
10
0
0
120
120
50
0
Typ.
Max.
Symbol
Unit
S0, S1 setup time
S0, S1 setup time
S0, S1 hold time
S0, S1 hold time
A0 setup time
A0 setup time
A0 hold time
A0 hold time
tsu (S-R)
tsu (S-W)
th (R-S)
th (W-S)
tsu (A-R)
tsu (A-W)
th (R-A)
th (W-A)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
0
0
0
0
30
30
0
0
250
250
130
0
Typ.
Max.
Symbol
Unit
Read pulse width
Write pulse width
Before write data input setup time
After write data input hold time
tw (R)
tw (W)
tsu (D-W)
th (W-D)
Read pulse width
Write pulse width
Before write data input setup time
After write data input hold time
tw (R)
tw (W)
tsu (D-W)
th (W-D)
3.1.8 Timing requirements for system bus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com