Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 301Page - Renesas Technology Corp 3886 Datasheet HTML 302Page - Renesas Technology Corp 3886 Datasheet HTML 303Page - Renesas Technology Corp 3886 Datasheet HTML 304Page - Renesas Technology Corp 3886 Datasheet HTML 305Page - Renesas Technology Corp 3886 Datasheet HTML 306Page - Renesas Technology Corp 3886 Datasheet HTML 307Page - Renesas Technology Corp 3886 Datasheet HTML 308Page - Renesas Technology Corp 3886 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 380 page
background image
3886 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3-12
Note: The RESETOUT output goes “H” in synchronized with the rise of the
φ clock that is anywhere between a few cycles and 10-several cycles after RESET
input goes “H”.
Table 3.1.19 Timing requirements in memory expansion mode and microprocessor mode
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, in high-speed mode, unless otherwise noted)
ONW input setup time
ONW input hold time
Data bus setup time
Data bus hold time
ONW input setup time
ONW input hold time
Data bus setup time
Data bus hold time
tsu (ONW-
φ)
th (
φ-ONW)
tsu (DB-
φ)
th (
φ-DB)
tsu (ONW-RD), tsu (ONW-WR)
th (RD-ONW), th (WR-ONW)
tsu (DB-RD)
th (RD-DB)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
Typ.
Max.
Symbol
Unit
–20
–20
50
0
–20
–20
50
0
3.1.12 Switching characteristics in memory expansion mode and microprocessor mode
Table 3.1.20 Switching characteristics in memory expansion mode and microprocessor mode
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, in high-speed mode, unless otherwise noted)
φ clock cycle time
φ clock “H” pulse width
φ clock “L” pulse width
AD15–AD8 delay time
AD7–AD0 delay time
AD15–AD8 valid time
AD7–AD0 valid time
SYNC delay time
SYNC valid time
Data bus delay time
Data bus valid time
RD pulse width, WR pulse width
RD pulse width, WR pulse width
(When one-wait is valid)
AD15–AD8 delay time
AD7–AD0 delay time
AD15–AD8 valid time
AD7–AD0 valid time
Data bus delay time
Data bus valid time
RESETOUT output delay time
RESETOUT output valid time (Note)
tC(
φ)
tWH(
φ)
tWL(
φ)
td(
φ-AH)
td(
φ-AL)
tV(
φ-AH)
tV(
φ-AL)
td(
φ-SYNC)
tV(
φ-SYNC)
td(
φ-DB)
tV(
φ-DB)
tWL(RD), tWL(WR)
td(AH-RD), td(AH-WR)
td(AL-RD), td(AL-WR)
tV(RD-AH), tV(WR-AH)
tV(RD-AL), tV(WR-AL)
td(WR-DB)
tV(WR-DB)
td(RESET-RESETOUT)
tV(
φ-RESETOUT)
Limits
Parameter
Min.
Typ.
Max.
Symbol
Unit
Test
conditions
Fig. 3.1.1
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tC(XIN)–10
tC(XIN)–10
2
2
10
tC(XIN)–10
3tC(XIN)–10
tC(XIN)–35
tC(XIN)–40
2
2
10
0
35
40
30
30
200
100
2tC(XIN)
16
20
5
5
16
5
15
tC(XIN)–16
tC(XIN)–20
5
5
15
3.1.11 Timing requirements in memory expansion mode and microprocessor mode
Fig. 3.1.1 Circuit for measuring output switching characteristics (1)
Fig. 3.1.2 Circuit for measuring output switching characteristics (2)
Measurement output pin
100 pF
CMOS output
N-channel open-drain output
Measurement output pin
100 pF
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com