Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 280Page - Renesas Technology Corp 3886 Datasheet HTML 281Page - Renesas Technology Corp 3886 Datasheet HTML 282Page - Renesas Technology Corp 3886 Datasheet HTML 283Page - Renesas Technology Corp 3886 Datasheet HTML 284Page - Renesas Technology Corp 3886 Datasheet HTML 285Page - Renesas Technology Corp 3886 Datasheet HTML 286Page - Renesas Technology Corp 3886 Datasheet HTML 287Page - Renesas Technology Corp 3886 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-167
2.15 Flash memory
Also, execute the following processing before the CPU reprogramming mode is selected so that interrupts
will not occur during the CPU reprogramming mode.
• Set the interrupt disable flag (I) to “1”
In the CPU reprogramming mode, write to the watchdog timer control register (address 1E16) periodically
to prevent the generation of a reset by the underflow of the watchdog timer H.
In the program state (programming time: max. 9.5
µs), watchdog timer H and L are set to “FF16”, and the
count stop. The count is started again after the program state or the erase state is completed. Accordingly,
the write period of the watchdog timer control register is calculated except for the program time and erase
time.
When the interrupt request or reset occurs in the CPU reprogramming mode, the microcomputer enters the
following states;
(1) Interrupt
This may cause a program runaway because the flash memory that has an interrupt vector area cannot
be read.
(2) Underflow of watchdog timer H, reset
This may cause a microcomputer reset; the built-in flash memory control circuit and the flash memory
control register are reset.
Also, note that, when the interrupt or reset occurs during program/erase, error data may still exist after
reset release because the reprogramming of the flash memory has not been completed. In this case,
setting the proper program code to the flash memory in the parallel I/O mode or serial I/O mode is required.
2.15.7 Flash memory mode application examples
The control pin processing example on the system board in the serial I/O mode and the control example
in the CPU reprogramming mode are described below.
(1)
Control pin connection example on the system board in serial I/O mode
As shown in Figure 2.15.5, in the serial I/O mode, the built-in flash memory can be reprogrammed
with the microcomputer mounted on board. Connection examples of control pins (P37, P44, P46, P47,
CNVSS and RESET pin) in the serial I/O mode are described below.
Fig. 2.15.5 Reprogramming example of built-in flash memory in serial I/O mode
Master ROM
RS-232C Serial programmer
M3
886
9F
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com