Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 276Page - Renesas Technology Corp 3886 Datasheet HTML 277Page - Renesas Technology Corp 3886 Datasheet HTML 278Page - Renesas Technology Corp 3886 Datasheet HTML 279Page - Renesas Technology Corp 3886 Datasheet HTML 280Page - Renesas Technology Corp 3886 Datasheet HTML 281Page - Renesas Technology Corp 3886 Datasheet HTML 282Page - Renesas Technology Corp 3886 Datasheet HTML 283Page - Renesas Technology Corp 3886 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-163
2.15 Flash memory
Fig. 2.15.3 Structure of Flash memory control register
Fig. 2.15.2 Memory map of registers relevant to flash memory
2.15.3 Relevant registers
0FFE16
Flash memory control register (FCON)
Flash command register (FCMD)
0FFF16
Flash memory control register
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register
(FCON : address FFE16)
b
0
00
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
Erase/Program
busy flag
Fix this bit to “0”.
Erase/Program
area select bits
CPU reprogramming
mode monitor flag
0 : CPU reprogramming
mode is invalid. (Normal
operation mode)
1 : When applying 0 V to
CNVSS/VPP pin, CPU
reprogramming mode is
invalid. When applying
VPPH to CNVSS/VPP pin,
CPU reprogramming
mode is valid.
0 : Erase and program are
completed or have not
been executed.
1 : Erase/program is being
executed.
0 : CPU reprogramming
mode is invalid
1 : CPU reprogramming
mode is valid
5
0
6
7
0
Fix this bit to “0”.
0
CPU reprogramming
mode select bit
(Note)
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Note: Bit 0 can be reprogrammed only when 0 V is applied to the CNVSS/VPP pin.
3
b5 b4
0 0: Address 100016 to
FFFF16 (total 60Kbytes)
0 1: Address 100016 to
7FFF16 (total 28Kbytes)
1 0: Address 800016 to
FFFF16 (total 32Kbytes)
1 1: not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com