Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 35 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 35 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC GL848 Datasheet HTML 34Page - GENESYS LOGIC GL848 Datasheet HTML 35Page - GENESYS LOGIC GL848 Datasheet HTML 36Page - GENESYS LOGIC GL848 Datasheet HTML 37Page - GENESYS LOGIC GL848 Datasheet HTML 38Page - GENESYS LOGIC GL848 Datasheet HTML 39Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 35
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 31h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
STRPIXEL7 STRPIXEL6 STRPIXEL5 STRPIXEL4 STRPIXEL3 STRPIXEL2 STRPIXEL1 STRPIXEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 STRPIXEL [7:0] The start pixel position of horizontal line (unit : pixel count).
STRPIXEL=(TGW+2*TGSHLD)+start pixels number (count from CCD pixel 0)
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 32h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL15 ENDPIXEL14 ENDPIXEL13 ENDPIXEL12 ENDPIXEL11 ENDPIXEL10
ENDPIXEL9 ENDPIXEL8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL [15:8]The end pixel position of horizontal line (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+end pixels number (count from CCD pixel 0)
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 33h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL7 ENDPIXEL6 ENDPIXEL5 ENDPIXEL4 ENDPIXEL3 ENDPIXEL2 ENDPIXEL1 ENDPIXEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL [7:0] The end pixel position of horizontal line (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+end pixels number (count from CCD pixel 0)
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 34h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
DUMMY7
DUMMY6
DUMMY5
DUMMY4
DUMMY3
DUMMY2
DUMMY1
DUMMY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 DUMMY [7:0]
The CCD dummy & optical black pixels number (unit : pixel count).
Note: It cannot be programmed to logic zero.
Setting rule of Reg30,31,32,33 and 34.
TGSHLD(Reg1D)
RGW(Reg17)
TGSHLD(Reg1D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com