Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 56 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 56 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 52Page - GENESYS LOGIC GL848 Datasheet HTML 53Page - GENESYS LOGIC GL848 Datasheet HTML 54Page - GENESYS LOGIC GL848 Datasheet HTML 55Page - GENESYS LOGIC GL848 Datasheet HTML 56Page - GENESYS LOGIC GL848 Datasheet HTML 57Page - GENESYS LOGIC GL848 Datasheet HTML 58Page - GENESYS LOGIC GL848 Datasheet HTML 59Page - GENESYS LOGIC GL848 Datasheet HTML 60Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 56
Document
Sensor
ADF
Sensor
Document Sheet
Scanning Window
PSTFED
Offset 94h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
MTRPLS7
MTRPLS6
MTRPLS5
MTRPLS4
MTRPLS3
MTRPLS2
MTRPLS1
MTRPLS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MTRPLS [7:0] Pulse width of ADF motor trigger signal (GPIO6). It’s valid when ADFSEL = 1.
Offset 95h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
X
X
SCANLEN19 SCANLEN18 SCANLEN17 SCANLEN16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
4-0 SCANLEN [19:16] Scanning length limitation of ADF (or sheetfed scanner). If the scanned lines are
lager than this value but document sensor is still active (ADF_SENR is high),
the paper-jam bit (bit 3 in Reg 40) will be set.
Offset 96h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
SCANLEN15 SCANLEN14 SCANLEN13 SCANLEN12 SCANLEN11 SCANLEN10
SCANLEN9 SCANLEN8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 SCANLEN [8:15] Scanning length limitation of ADF (or sheetfed scanner).
Offset 97h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
SCANLEN7 SCANLEN6 SCANLEN5 SCANLEN4 SCANLEN3 SCANLEN2 SCANLEN1 SCANLEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 SCANLEN [7:0] Scanning length limitation of ADF (or sheetfed scanner).
Offset 98h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
ONDUR15 ONDUR14 ONDUR13 ONDUR12 ONDUR11 ONDUR10
ONDUR9
ONDUR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ONDUR [15:8] On duration (in system clock) of PWM for LAMP control.
Offset 99h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com