Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 14Page - GENESYS LOGIC GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC GL848 Datasheet HTML 18Page - GENESYS LOGIC GL848 Datasheet HTML 19Page - GENESYS LOGIC GL848 Datasheet HTML 20Page - GENESYS LOGIC GL848 Datasheet HTML 21Page - GENESYS LOGIC GL848 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 18
60h
STEPSEL[2:0]
Z1MOD[20:16]
8’h20
61h
Z1MOD[15:8]
8’h00
62h
Z1MOD[7:0]
8’h00
63h
FSTPSEL[2:0]
Z2MOD[20:16]
8’h00
64h
Z2MOD[15:8]
8’h00
65h
Z2MOD[7:0]
8’h00
66h
PHFREQ[7:0]
8’h00
67h
X
X
MTRPWM[5:0]
8’h3F
68h
X
X
FASTPWM[5:0]
8’h3F
69h
FSHDEC[7:0]
8’h00
6Ah
FMOVNO[7:0]
8’h00
6Bh MULTFILM GPOM13
GPOM12 GPOM11
GPOCK4
GOPCP
GPOLEDB
GPOADF 8’h00
6Ch
GPIO16
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
8’h00
6Dh
GPIO8
GPIO7
GPOI6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
8’h00
6Eh
GPOE16
GPOE15
GPOE14
GPOE13
GPOE12
GPOE11
GPOE10
GPOE9
8’h00
6Fh
GPOE8
GPOE7
GPOE6
GPOE5
GPOE4
GPOE3
GPOE2
GPOE1
8’h00
70h
X
X
X
RSH[4:0]
8’h06
71h
X
X
X
RSL[4:0]
8’h08
72h
X
X
X
CPH[4:0]
8’h08
73h
X
X
X
CPL[4:0]
8’h0A
74h
X
X
X
X
X
X
CK1MAP[17:16]
8’h00
75h
CK1MAP[15:8]
8’h00
76h
CK1MAP[7:0]
8’h00
77h
X
X
X
X
X
X
CK3MAP[17:16]
8’h00
78h
CK3MAP[15:8]
8’h00
79h
CK3MAP[7:0]
8’h00
7Ah
X
X
X
X
X
X
CK4MAP[17:16]
8’h00
7Bh
CK4MAP[15:8]
8’h00
7Ch
CK4MAP[7:0]
8’h00
7Dh CK1NEG CK3NEG CK4NEG
RSNEG
CPNEG BSMPNEG VSMPNEG DLYSET 8’h00
7Eh GPOLED25 GPOLED24 GPOLED23 GPOLED22 GPOLED21 GPOLED10 GPOLED9 GPOLED8 8’h00
7Fh
BSMPDLY[1:0]
VSMPDLY[1:0]
LEDCNT[3:0]
8’h00
80h
VRHOME[1:0]
VRMOVE[1:0]
VRBACK[1:0]
VRSCAN[1:0]
8’h00
81h
X
X
X
X
X
X
X
ROFFSET[8]
8’h00
82h
ROFFSET[7:0]
8’h00
83h
X
X
X
X
X
X
X
GOFFSET[8]
8’h00
84h
GOFFSET[7:0]
8’h00
85h
X
X
X
X
X
X
X
BOFFSET[8]
8’h00
86h
BOFFSET[7:0]
8’h00
87h
LED4TG
YENB
YBIT
ACYCNRLC
ENOFFSET
LEDADD CK4ADC AUTOCONF 8’h00
88h
X
X
X
RDNUM[4:0]
8’h00
89h
RS232WD[7:0]
8’h00
8Ah
RS232RD[7:0]
-
8Fh
X
X
X
X
PREFED[19:16]
8’h00
90h
PREFED[15:8]
8’h00
91h
PREFED[7:0]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com