Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 28Page - GENESYS LOGIC GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC GL848 Datasheet HTML 34Page - GENESYS LOGIC GL848 Datasheet HTML 35Page - GENESYS LOGIC GL848 Datasheet HTML 36Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 32
BUFSEL7
BUFSEL6
BUFSEL5
BUFSEL4
BUFSEL3
BUFSEL2
BUFSEL1
BUFSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BUFSEL [7:0]
To set buffer condition.
When buffer is full, scanner will stop and wait for host to read out image data
from SDRAM.
The valid data count (has not been read) is represented by VALIDWORD (in word).
If VALIDWORD < buffer condition, then the scanner will re-start to scan.
Following are the units of this register under various SDRAM size.
16M bits SDRAM
: 4k words
64M bits SDRAM
: 16k words
128M bits SDRAM : 32K words
256M bits SDRAM : 64K words
512M bits SDRAM : 128K words
Offset 21h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
STEPNO7
STEPNO6
STEPNO5
STEPNO4
STEPNO3
STEPNO2
STEPNO1
STEPNO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 STEPNO [7:0]
Steps number of “table one” for the acceleration/deceleration of scanning moving.
Please refer to section 6.19 and the descriptions of Reg24 & Reg6A.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 22h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
FWDSTEP7 FWDSTEP6 FWDSTEP5 FWDSTEP4 FWDSTEP3 FWDSTEP2 FWDSTEP1 FWDSTEP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FWDSTEP [7:0] Steps number for forward moving when buffer condition is met.
Please refer to section 6.19 and the descriptions of Reg20 & Reg24.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 23h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
BWDSTEP7 BWDSTEP6 BWDSTEP5 BWDSTEP4 BWDSTEP3 BWDSTEP2 BWDSTEP1 BWDSTEP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 BWDSTEP [7:0] Steps number for backward moving when image buffer is full.
Please refer to section 6.19 and the descriptions of Reg24.
Note: 1.It cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 24h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
FASTNO7
FASTNO6
FASTNO5
FASTNO4
FASTNO3
FASTNO2
FASTNO1
FASTNO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FASTNO [7:0]
Steps number of “table two” for the acceleration/deceleration when image buffer
is full.
Please refer to section 6.19 and the descriptions of Reg20.
Note: It cannot be programmed to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com