Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 76 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 76 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 72Page - GENESYS LOGIC GL848 Datasheet HTML 73Page - GENESYS LOGIC GL848 Datasheet HTML 74Page - GENESYS LOGIC GL848 Datasheet HTML 75Page - GENESYS LOGIC GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC GL848 Datasheet HTML 80Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 76
with 1 pixel time resolution.
8 Support Analog Front End Timing
GL848 supports external 16 bits front-end.
Wolfson: WM8199, WM8196,..etc.
Analog device: AD9826, …etc.
9 Image Type
A. Supports color, gray and line art scanning.
B. Supports color filters options (R, G or B channels) in gray or line art scanning.
C. Supports true gray with programmable R, G and B weightings.
10 Bits Depth
16*3 bits color, 16 bits gray level and 1 bit line art (Black & White).
Image data type: 16 bits, 8 bits and 1 bit.
11 Shading & Correction
a. White Shading & Dark Shading:
White shading and dark shading are pixel-by-pixel corrections with 16-bit solution and can be enabled or
disabled by S/W. The white shading curve is calculated by S/W.
Data arrangement: three line in mode: dark R1, white R1, dark G1, white G1, dark B1, white B1,
dark R2, white R2, dark G2, white G2, dark B2, white B2,
dark R3, white R3, dark G3, white G3, dark B3, white B3,
one line in mode: dark R1, white R1, dark R2, white R2, dark R3, white R3…
dark G1, white G1, dark G2, white G2, dark G3, white G3…
dark B1, white B1, dark B2, white B2, dark B3, white B3…
White shading formula:
2000H * Target / (Wn-Dn) = White Gain data ----- for 8 times system
White shading formula:
4000H * Target / (Wn-Dn) = White Gain data ----- for 4 times system
For example: Target = 3FFFH,
Wn = 2FFFH,
Dn = 0040H and 8 times system operation
then White Gain = 2000H * 3FFFH / (2FFFH-0040H) = 2AE4H (1.34033 times)
b. Gamma Correction:
16-bit GAMMA correction table is programmed by S/W.
Range: 0 ~ 64k (16 bits) input mapping to 0 ~ 64k (16 bits) or 0 ~ 255 (8 bits) output.
Style: increment or decrement gamma curve
12 Threshold Setting for Line-Art
Threshold can be programmed by S/W.
Range: 0 ~ 255 adjustable.
The threshold with hysteresis characteristic is for reducing image noise.
BWHI
d
h
BWLOW
b
c
e
f
i
hysteresis width
g
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com