Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 55 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 55 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 51Page - GENESYS LOGIC GL848 Datasheet HTML 52Page - GENESYS LOGIC GL848 Datasheet HTML 53Page - GENESYS LOGIC GL848 Datasheet HTML 54Page - GENESYS LOGIC GL848 Datasheet HTML 55Page - GENESYS LOGIC GL848 Datasheet HTML 56Page - GENESYS LOGIC GL848 Datasheet HTML 57Page - GENESYS LOGIC GL848 Datasheet HTML 58Page - GENESYS LOGIC GL848 Datasheet HTML 59Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 55
Offset 8Fh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
X
X
RREFED19 RREFED18 RREFED17 RREFED16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3-0 RREFED [19:16]
Pre-feed steps for ADF (or sheetfed scanner).
Offset 90h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
RREFED15 RREFED14 RREFED13 RREFED12 RREFED11 RREFED10 RREFED9
RREFED8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 RREFED [15:8] Pre-feed steps for ADF (or sheetfed scanner).
Offset 91h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
RREFED7
RREFED6
RREFED5
RREFED4
RREFED3
RREFED2
RREFED1
RREFED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 RREFED [7:0] Pre-feed steps for ADF (or sheetfed scanner).
Document
Sensor
ADF
Sensor
Document Sheet
Scanning Window
PREFED
Note:
If the DPI9600 control bit is set to “1”, the STRPIXEL is doubled.
Offset 92h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
PSTFED15 PSTFED14 PSTFED13 PSTFED12 PSTFED11 PSTFED10
PSTFED9
PSTFED8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 PSTFED [15:8] Past scanning steps for ADF (or sheetfed scanner).
Offset 93h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
PSTFED7
PSTFED6
PSTFED5
PSTFED4
PSTFED3
PSTFED2
PSTFED1
PSTFED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 PSTFED [7:0]
Past scanning steps for ADF (or sheetfed scanner).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com