Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 79 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 79 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 75Page - GENESYS LOGIC GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC GL848 Datasheet HTML 80Page - GENESYS LOGIC GL848 Datasheet HTML 81Page - GENESYS LOGIC GL848 Datasheet HTML 82Page - GENESYS LOGIC GL848 Datasheet HTML 83Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 79
MTR_PH 0~7 for bipolar motors
MTR_PH 0~3 for unipolar motors
A. Bipolar motors:
a. Supports 2916 motor driver timing and 2916 compatible driver IC, such as L6219.
Include full, half and quarter steps control.
b. Supports 3967 motor driver timing.
Include full, half, quarter and eighth steps control.
c. Supports LB1939, 1940 motor driver timing.
Include full and half steps control
B. Unipolar motors:
a. Supports 2003 motor driver timing and 2003 compatible driver IC.
b. Include full step two phases on, full step single phase on and half step.
c. PWM control, include frequency and duty controls.
PWM
Duty
Frequency
Phase on time
22 Watchdog Protection
This function can automatically reset the system to initial state when the system is hanged (no access signal)
beyond the time limit. It can be enabled or disabled by S/W.
This function can protect motor power, lamp power and ASIC system.
Calculation formula: (30sec.) * (times setting) * (setting number.).
The range of setting number is from 1 to 15; the range of times setting is 0 or 1.
23 Lamp Time-out Control
This circuitry can automatically turn off the lamp power when this function is enabled. It can be enabled or
disabled by S/W.
Calculation formula: (60sec.) * (times setting) * (setting number).
The range of setting number is from 1 to 7;the range of times setting is 0 to 3.
24 Lamp Power Control
These are two power control ports for lamp. One is for Flatbed and the other is for XPA (Transparency or film).
These control ports have PWM function. According to the system clock, designers can flexibly adjust their
frequency and duty by S/W. And the resolution of PWM is 16 bits.
25 Sensors
The system supports home sensor for flatbed; ADF sensor, document sensor and cover sensor for ADF module.
26 GPIO Ports
Designers can separately assign input or output direction for each GPIO pin of GPIO1~21. Some GPIO can be
designed for keypads or motor power control…etc.
Note : There are four pins for special function.
GPIO9:
This pin can control bipolar motor driver IC (2916,6219 or 3967) Vref3 for control
Imax current.
GPIO13: This pin can control bipolar motor driver IC (2916,6219 or 3967) Vref2 for control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com