Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 83 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 83 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC GL848 Datasheet HTML 80Page - GENESYS LOGIC GL848 Datasheet HTML 81Page - GENESYS LOGIC GL848 Datasheet HTML 82Page - GENESYS LOGIC GL848 Datasheet HTML 83Page - GENESYS LOGIC GL848 Datasheet HTML 84Page - GENESYS LOGIC GL848 Datasheet HTML 85Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 83
CHAPTER 7
ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings (Voltage Referenced to GND)
Table 7.1 - Absolute Maximum Ratings (Voltage Referenced to GND)
Symbol
Description
Min
Max
DVCC1
DC supply voltage
-0.5V
2.5V
AVDD1~3
DC supply voltage
-0.5V
4.6V
VccCore1~4 DC supply voltage
-0.5V
2.5V
VccIO1~6
DC supply voltage
-0.5V
4.6V
VI
Input Voltage
-0.5V
6V
VO
Output Voltage
-0.5V
4.6V
VAI/O
DC input voltage for USB D+/D- pins
-0.5V
4.6V
TOPT
Operating Temperature
0
°C
70
°C
TOSTG
Storage Temperature
-60
°C
+125
°C
7.2 DC Characteristics (Digital Pins): 1.8 V Logic Core and 3.3V Pads
Table 7.2 - DC Characteristics (Digital Pins): 1.8 V Logic Core and 3.3V Pads
SYMBOL
Description
Min
Typ.
Max
Unit
DVCC1
Power Supply Voltage
1.62
1.8
1.98
V
AVDD1~3
Power Supply Voltage
3.0
3.3
3.6
V
VccCore1~4 Power Supply Voltage
1.62
1.8
1.98
V
VccIO1~6
Power Supply Voltage 3.3V
3.0
3.3
3.6
V
1.8V
10.5
18
High speed (USB2.0) un-config current
3.3V
41
50
mA
1.8V
9
17
Idd
Full speed (USB1.1) un-config current
3.3V
22
32.5
mA
1.8V
26
90
uA
Isus
Suspend current
3.3V
990
1750
uA
VIH
Input High Voltage
2.0
5.5
V
VIL
Input Low Voltage
-0.3
0.8
V
VT
Threshold point
1.45
1.58
1.74
V
VT+
Schmitt trig. Low to High threshold point
1.44
1.50
1.56
V
VT-
Schmitt trig. High to Low threshold point
0.89
0.94
0.99
V
VJ
Junction Temperature
0
25
125
℃
IL
Input Leakage Current
±10
µA
Ioz
Tri-State output leakage current
±10
µA
RPU
Pull-up Resistor
39K
65K
116K
RPD
Pull-down Resistor
40K
56K
108K
VOL
Output low voltage
0.4
V
VOH
Output high voltage
2.4
V
IOL
Low level output current @ VOL =0.4V
18.9
31.8
39.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com