Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 74 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 74 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 70Page - GENESYS LOGIC GL848 Datasheet HTML 71Page - GENESYS LOGIC GL848 Datasheet HTML 72Page - GENESYS LOGIC GL848 Datasheet HTML 73Page - GENESYS LOGIC GL848 Datasheet HTML 74Page - GENESYS LOGIC GL848 Datasheet HTML 75Page - GENESYS LOGIC GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 74
CHAPTER 6
FUNCTIONAL DESCRIPTION
1 System Clock
Internal PLL.
A. Input: 12MHz crystal.
B. Output: 12, 24, 30, 40, 48 or 60 MHz to scanner controller system.
2 Pixel Clock
A. Normal mode
Scan mode 0:
a. 12 system clock/pixel.
b. Chunky color (three line in), gray or art scanning for CCD.
c. Planar color scan (one line in) or Monochrome scanning for CIS.
B. fast mode
Scan mode 2:
a. 8 system clock/pixel.
b. fast gray or art scanning for CCD or CIS.
c. Planar color scan (one line in) or Monochrome scanning for CIS.
C. Scan mode 7
a. 16 system clock/pixel.
b. Chunky color (three line in), gray or line-art scanning for CCD.
c. Planar color scan (one line in) or Monochrome scanning for CIS.
D. Scan mode 6
a. 18 system clock/pixel
b. Chunky color (three line in), gray or art scanning for CCD.
c. Planar color scan (one line in) or Monochrome scan for CIS.
Note: Chunky Color is R1G1B1, R2G2B2, R3G3B3,………(three-line-in or pixel rate).
Planar Color is R1, R2, R3,…..; G1, G2, G3,…….; B1, B2, B3,……..(one-line-in or line rate).
CCD: Chunky color or planar color.
CIS: Planar color.
3 Scan Speed
A. System clock = 30MHz:
a. Normal Mode: Chunky color, fine gray or fine line art scan.
(scan mode 0)
12x33.333ns/pixel = 0.4us/pixel.
(1). 600dpi: 2.160ms/line, 15.163s/page.
(2). 1200dpi: 4.320ms/line, 60.653s/page.
B. System clock = 40MHz:
a. Normal Mode: Chunky color, fine gray or fine line art scan.
12x25ns/pixel = 0.3us/pixel
(1). 600dpi: 1.620ms/line, 11.372s/page.
(2). 1200dpi: 3.240ms/line, 45.488s/page.
4 Fast Scan for Low Resolutions
Designers are allowed to increase CCD clock rates to up scanning speed in low resolutions,
such as 2, 4, 8, …times..
5 Scanning Type
GL848 supports three-line-in (parallel) for CCD and one-line-in for CIS.
A. CCD Type
CCD Exposure control:
There are three modes to control CCD TG by TGMODE control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com