Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 24Page - GENESYS LOGIC GL848 Datasheet HTML 25Page - GENESYS LOGIC GL848 Datasheet HTML 26Page - GENESYS LOGIC GL848 Datasheet HTML 27Page - GENESYS LOGIC GL848 Datasheet HTML 28Page - GENESYS LOGIC GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 28
4 CK1INV
0
Don’t reverse.
1
To reverse CCD Clock 1.
3 CK2INV
0
Don’t reverse.
1
To reverse CCD Clock 2.
2 CTRLINV
0
Don’t reverse.
1
To reverse CCD CP & RS.
1 CKDIS
0
Disable clock1 and 2 under CCD TG position as illustrated.
0
Enable clock 1 and 2 under CCD TG position as illustrated.
0 CTRLDIS
1
Disable CCD CP & RS signals under CCD TG position as illustrated.
0
Enable CCD CP & RS signals under CCD TG position as illustrated.
Offset 17h ……………………………………………..…………..……….……. Default value = 8’h14
TGMODE1 TGMODE0
TGW5
TGW4
TGW3
TGW2
TGW1
TGW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 TGMODE [1:0] To set CCD TG mode.
00
normal CCD TG type.
01
CCD TG control with dummy line.
10
CCD TG control with dummy lines for transparency scanning type.
11
reserved for ASIC simulation.
5-0 TGW [5:0]
To set CCD TG plus width (in pixel time).
Note: It cannot be programmed to logic zero.
Offset 18h ……………………………………………..…………..……..………. Default value = 8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com