Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 25Page - GENESYS LOGIC GL848 Datasheet HTML 26Page - GENESYS LOGIC GL848 Datasheet HTML 27Page - GENESYS LOGIC GL848 Datasheet HTML 28Page - GENESYS LOGIC GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 29
CNSET
DCKSEL1
DCKSEL0 CKTOGGLE CKDELAY1 CKDELAY0
CKSEL1
CKSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CNSET
0
Select TG and clock to be non-Canon CIS style.
1
Select TG and clock to be Canon CIS style.
6-5 DCKSEL1 [1:0] 00
Speed 1: one CCD clock per system pixel time in shifting dummy lines.
01
Speed 2: two CCD clock per system pixel time in shifting dummy lines.
10
Speed 3: three CCD clock per system pixel time in shifting dummy lines.
11
Speed 4: four CCD clock per system pixel time in shifting dummy lines.
4 CKTOGGLE
0
One cycle per pixel.
1
Half cycle per pixel for CCD clock 1 & 2.
3-2 CKDELAY [1:0] 00
No delay
01
Delay one system clock for CCD Clock 1/2.
10
Delay two systems clock for CCD Clock 1/2.
11
Delay three systems clock for CCD Clock 1/2.
1-0 CKSEL [1:0]
00
Speed 1: one CCD clock per system pixel time in capturing image.
01
Speed 2: two CCD clock per system pixel time in capturing image.
10
Speed 3: three CCD clock per system pixel time in capturing image.
11
Speed 4: four CCD clock per system pixel time in capturing image.
Note: Speed limitation of CCD clock in different scanning modes:
1. SCANMOD=0,1 : 12 clocks/pixel
a. toggle CCD : supports speed 1,2,3,4.
b. non-toggle CCD : supports speed 1,2,3.
2. SCANMOD=2
: Reserved.
3. SCANMOD=3
: Reserved.
4. SCANMOD=4
: Reserved.
5. SCANMOD=5
: Reserved.
6. SCANMOD=6
: 18 clocks/pixel
a. toggle CCD : supports speed 1,2,3.
b. non-toggle CCD : supports speed 1,2,3,4.
7. SCANMOD=7
: 16 clocks/pixel
a. toggle CCD : supports speed up 1,2,4.
b. non-toggle CCD : supports speed 1,2,4.
Note: Toggle CCD
CCD which can output one pixel in one half cycle of CCD clock.
Non-toggle CCD
CCD which always output one pixel in one CCD clock cycle.
Offset 19h ……………………………………………..…………….…….……. Default value = 8’h00
EXPDMY7 EXPDMY6 EXPDMY5 EXPDMY4 EXPDMY3 EXPDMY2 EXPDMY1 EXPDMY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPDMY[7:0] To set exposure time of dummy lines (unit = 256 pixels time) or CIS LED
turn-on tme.
CIS SP
CIS LED
EXPDMY for turn on
EXPR/EXPG/EXPB for turn off
Note: It cannot be programmed to logic zero.
Offset 1Ah ……..……………………………………..…………..……………. Default value = 8’h00
SW2SET
SW1SET
MANUAL3 MANUAL1
CK4INV
CK3INV
LINECLP
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com