Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 75 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 75 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 71Page - GENESYS LOGIC GL848 Datasheet HTML 72Page - GENESYS LOGIC GL848 Datasheet HTML 73Page - GENESYS LOGIC GL848 Datasheet HTML 74Page - GENESYS LOGIC GL848 Datasheet HTML 75Page - GENESYS LOGIC GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 75
Mode 0: single exposure time for R, G and B channels.
Mode 1, 2: different exposure times for R, G and B channels .
B. CIS Type
a. Color scan:
TG
LED R
LED G
LED B
b. Gray scan:
TG
LED R/G/B
c. True gray scan:
TG
LED R
LED G
LED B
6 Image Sensor Timing
Image sensor timings can be programmed by S/W.
A. For CCD: Support 600, 1200, 2400, 3200, 3600 ,4800dpi ~ 9600dpi CCD such as NEC, TOSHIBA,
Sony ……etc.
B. For CIS: Support 600, 1200, 2400, 3200, 3600,4800dpi ~ 9600dp CIS such as TOSHIBA, Canon ……etc
7 Dummy Line
GL848 supports programmable dummy lines to resolve (overcome) start/stop problem.
Designers can insert dummy lines to reduce scanner start/stop events (buffer full).
A. Line base of dummy lines:
The range of dummy lines is 0~30 lines.
B. Adjustable dummy line:
T h e r a n g e i s f r o m t h e m i n i m u m s h i f t t i m e o f C C D / C I S u p t o 2 0 9 6 K p i x e l t i m e ,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com