Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 12Page - GENESYS LOGIC GL848 Datasheet HTML 13Page - GENESYS LOGIC GL848 Datasheet HTML 14Page - GENESYS LOGIC GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC GL848 Datasheet HTML 18Page - GENESYS LOGIC GL848 Datasheet HTML 19Page - GENESYS LOGIC GL848 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 16
CHAPTER 4
REGISTERS
4.1 Registers Base Address
Table 4.1 - Base Address for Registers
Offse
t
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
01h
CISSET DOGENB DVDSET STAGGER
X
TRUEGRAY
SHDAREA
SCAN
8’h00
02h NOTHOME ACDCDIS AGOHOME MTRPWR FASTFED MTRREV HOMENEG LONGCURV 8’h00
03h LAMPDOG AVEENB XPASEL LAMPPWR
LAMPTIM[3:0]
8’h8F
04h LINEART BITSET
AFEMOD[1:0]
FILTER[1:0]
FESET[1:0]
8’h00
05h
DPIHW[1:0]
MTLLAMP[1:0]
GMMENB
ENB20M
MTLBASE[1:0]
8’h40
06h
SCANMOD[2:0]
PWRBIT
GAIN4
OPTEST[2:0]
8’h00
07h
LAMPSIM
RESERVE[6:0]
8’h00
08h DRAM2X SCNUMENB MPENB CIS_LINE
X
X
X
ENB24M 8’h00
09h
MCNTSET[1:0]
EVEN1ST BLINE1ST BACKSCAN
X
SHORTTG
X
8’h00
0Ah
X
X
ADFSEL LPWMEN
X
RS232SEL
BAUDRAT[1:0]
8’h00
0Bh
CLKSET[2:0]
RFHDIS
ENBDRAM
DRAMSEL[2:0]
8’h01
0Ch
X
X
X
X
CCDLMT[3:0 ]
8’h00
0Dh
X
X
X
FULLSTP
SEND
CLRMCNT CLRDOCJM CLRLNCNT
-
0Eh
SCANRESET
-
0Fh
MOVE
-
10h
EXPR[15:8]
8’h00
11h
EXPR[7:0]
8’h00
12h
EXPG[15:0]
8’h00
13h
EXPG[7:0]
8’h00
14h
EXPB[15:8]
8’h00
15h
EXPB[7:0]
8’h00
16h
CTRLHI TOSHIBA TGINV
CK1INV
CK2INV CTRLINV
CKDIS
CTRLDIS 8’h33
17h
TGMODE[1:0]
TGW[5:0]
8’h14
18h
CNSET
DCKSEL[1:0]
CKTOGGLE
CKDELAY[1:0]
CKSEL[1:0]
8’h10
19h
EXPDMY[7:0]
8’h00
1Ah SW2SET SW1SET MANUAL3 MANUAL1 CK4INV
CK3INV LINECLP
X
8’h10
1Bh GRAY2C
SEL12C
BGRENB
ICGENB
ICGDLY[3:0]
8’h00
1Ch CK4MTGL CK3MTGL CK1MTGL CKAREA MTLWD
TGTIME[2:0]
8’h00
1Dh CK4LOW CK3LOW CK1LOW
TGSHLD[4:0]
8’h04
1Eh
WDTIME[3:0]
LINESEL[3:0]
8’h80
1Fh
SCANFED[7:0]
8’h00
20h
BUFSEL[7:0]
8’h00
21h
STEPNO[7:0]
8’h00
22h
FWDSTEP[7:0]
8’h00
23h
BWDSTEP[7:0]
8’h00
24h
FASTNO[7:0]
8’h00
25h
X
X
X
X
LINCNT[19:16]
8’h08
26h
LINCNT[15:8]
8’h00
27h
LINCNT[7:0]
8’h00
2Ch
X
X
DPISET[13:8]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com