Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 43 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 43 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 39Page - GENESYS LOGIC GL848 Datasheet HTML 40Page - GENESYS LOGIC GL848 Datasheet HTML 41Page - GENESYS LOGIC GL848 Datasheet HTML 42Page - GENESYS LOGIC GL848 Datasheet HTML 43Page - GENESYS LOGIC GL848 Datasheet HTML 44Page - GENESYS LOGIC GL848 Datasheet HTML 45Page - GENESYS LOGIC GL848 Datasheet HTML 46Page - GENESYS LOGIC GL848 Datasheet HTML 47Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 43
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-3 BSMP [4:0]
Rising edge position of dark voltage sampling for AFE.
2-0 BSMPW [2:0]
Pulse width of dark voltage sampling.
(1). Color, gray or line-art : 12 clocks (phase)/pixel mode
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
AFE
BSMP
Reg59=52H : BSMP[4:0]=10H
BSMPW[2:0]=2H
Note: 16 clocks (phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12
clocks(phase)/pixel mode.
Offset 5Ah ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
ADCLKINV
RLCSEL
CDSREF1
CDSREF0
RLC3
RLC2
RLC1
RLC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 ADCLKINV
0
ADC clock in not reversed.
1
ADC clock is reversed.
6 RLCSEL
0
Do not select.
1
Select reset level clamp on a pixel-by-pixel basis.
5-4 CDSREF [1:0]
Front-end CDS reference for line rate scanning type.
3-0 RLC [3:0]
Front-end RLC for line rate scanning type.
Offset 5Dh ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
HISPD7
HISPD6
HISPD5
HISPD4
HISPD3
HISPD2
HISPD1
HISPD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 HISPD [7:0]
To change of the speed of motor during moving
Note: It cannot be programmed to logic zero.
Offset 5Eh ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
DECSEL2
DECSEL1
DECSEL0 STOPTIM4 STOPTIM3 STOPTIM2 STOPTIM1 STOPTIM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-5 DECSEL [2:0]
Deceleration steps number after touching home sensor.
000
1 steps deceleration
001
2 steps deceleration
010
4 steps deceleration
011
8 steps deceleration
100
16 steps deceleration
101
32 steps deceleration
110
64 steps deceleration
111
128 steps deceleration
4-0 STOPTIM [4:0] Stop time between forward and backward direction in backtracking.
Note: In ASIC simulation process, STOPTIM has to be set to tgtime=6,7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com