Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 80 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 80 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC GL848 Datasheet HTML 80Page - GENESYS LOGIC GL848 Datasheet HTML 81Page - GENESYS LOGIC GL848 Datasheet HTML 82Page - GENESYS LOGIC GL848 Datasheet HTML 83Page - GENESYS LOGIC GL848 Datasheet HTML 84Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 80
Imax current.
GPIO12: 1. Pull up by resistor to indicate ASIC to turn on lamp power in power-on initial state.
2. Pull down by resistor to indicate ASIC to turn off lamp power in power-on initial state..
3. This pin can control bipolar motor driver IC (2916,6219 or 3967) Vref1 for controlling
Imax current.
GPIO11: This pin can control bipolar motor driver IC (2916,6219 or 3967) Vref0 for control
Imax current.
27 GPO28, 31~34 Ports
GL848 provides 5 ports for general-purpose output. They are multi-functions.
28 Power on Check
The default status of the PWRBIT control bit is reset. Programmers can set the PWRBIT control bit before
controlling the ASIC. GL848 will keep the status until power is turn off. This operation is to check if the
power had been turned off or not.
30 LED Blinking
GL848 supports LED -blinking function. It is implemented in GPIO8~10 and GPIO21.
31 Support Back Scanning
GL848 supports forward or backward scanning.
32 Supports ADF Function
GL848 supports ADF (Auto-document-feeder) function via internal logic circuitry. Programmers need to set
the ADFSEL control bit to logic ‘1’. GPIO6 controls the motor pulse trigger if the motor moving of ADF
module is implemented by trigger pulse, otherwise the motor moving is driven by motor phases. GPO28
controls the moving direction of motor if ADF module is necessary. GPIO16 is the cover sensor input,
ADF_SENR is the ADF sensor input and HOME is document sensor input under ADF mode.
GL848 can feed document sheets automatically to scanning window. After sensing the present of document by
document sensor, software should issue feed command to GL848 for paper feeding. After document sheet
reaches ADF sensor, scanning process will be started after PREFED motor steps.
Document
Sensor
ADF
Sensor
Document Sheet
Scanning Window
PREFED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com