Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC GL848 Datasheet HTML 18Page - GENESYS LOGIC GL848 Datasheet HTML 19Page - GENESYS LOGIC GL848 Datasheet HTML 20Page - GENESYS LOGIC GL848 Datasheet HTML 21Page - GENESYS LOGIC GL848 Datasheet HTML 22Page - GENESYS LOGIC GL848 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 19
92h
PSTFED[15:8]
8’h00
93h
PSTFED[7:0]
8’h00
94h
MTRPLS [7:0]
8’h1F
95h
X
X
X
X
SCANLEN[19:16]
8’h00
96h
SCANLEN[15:8]
8’h00
97h
SCANLEN[7:0]
8’h00
98h
ONDUR[15:8]
8’h00
99h
ONDUR[7:0]
8’h00
9Ah
OFFDUR[15:8]
8’h00
9Bh
OFFDUR[7:0]
8’h00
9Dh
RAMDLY[1:0]
MOTLAG
X
STEPTIM[2:0]
X
8’h00
9Eh
X
X
TGSTIME[2:0]
TGWTIME[2:0]
8’h00
9Fh
X
X
X
FULLPAGE AUTOADF
MOTMPU MULDMYLN
DPI9600
8’h00
A0h
X
X
LNOFSET[5:0]
8’h00
A1h
SNRSYN[2:0]
STGSET[4:0]
8’h80
A2h
X
X
X
RFHSET[4:0]
8’h00
A3h
TRUER[7:0]
8’h00
A4h
TRUEG[7:0]
8’h00
A5h
TRUEB[7:0]
8’h00
A6h
X
X
X
GPIO21
GPIO20
GPIO19
GPIO18
GPIO17
8’h00
A7h
X
X
X
GPOE21
GPOE20
GPOE19
GPOE18
GPOE17
8’h00
A8h
X
X
ADFSNRDIS
X
X
X
X
X
8’h00
A9h
X
GPO34
GPO33
GPO32
GPO31
X
X
GPO28
8’h00
AAh
RESERVE[7:0]
8’h00
ABh
GPOM9
MULSTOP[2:0]
NODECEL
TB3TB1
TB5TB2 FIX16CLK 8’h00
ACh VRHOME3 VRHOME2 VRMOME3 VRMOME2 VRBACK3
VRBACK2
VRSCAN3
VRSCAN2
8’h00
ADh
X
X
X
SWSH[4:0]
8’h00
AEh
X
X
STOPPWM[5:0]
8’h3F
B8h
X
X
X
X
SW2_EN SW2_SEL
X
X
8’h00
BAh CCD_OUT
AV_EN
8’h00
BBh
X
X
MT_OFF [13:8]
8’h00
BCh
MT_OFF [7:0]
8’hFF
BDh SW5_EN SW5_SEL SW5EXCHG
X
X
BGMM_N GGMM_N RGMM_N
8’h1F
BEh SW2INV
X
SW5INV
X
X
BGMM_F GGMM_F RGMM_F 8’h00
BFh
X
X
SC_NUM[5:0]
-
C5h
RGMM_Z[15:8]
8’h00
C6h
RGMM_Z[7:0]
8’h00
C7h
GGMM_Z[15:8]
8’h00
C8h
GGMM_Z[7:0]
8’h00
C9h
BGMM_Z[15:8]
8’h00
CAh
BGMM_Z[7:0]
8’h00
D0h
SH0DWN[7:0]
8’h00
D1h
SH1DWN[7:0]
8’h00
D2h
SH2DWN[7:0]
8’h00
D3h
SH3DWN[7:0]
8’h00
D4h
SH4DWN[7:0]
8’h00
D5h
SH5DWN[7:0]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com