Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 33 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 33 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC GL848 Datasheet HTML 34Page - GENESYS LOGIC GL848 Datasheet HTML 35Page - GENESYS LOGIC GL848 Datasheet HTML 36Page - GENESYS LOGIC GL848 Datasheet HTML 37Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 33
Buffer full position
Speed
Reg22
Reg21
Reg21
Time
Reg24
Reg24
Reg23
Offset 25h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
X
X
X
X
LINCNT19 LINCNT18 LINCNT17 LINCNT16
X
X
X
X
R/W
R/W
R/W
R/W
7-4 RESERVED
-
3-0 LINCNT [19:16] Scanning lines count specified by designers.
Note: It cannot be programmed to logic zero.
Offset 26h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
LINCNT15 LINCNT14 LINCNT13 LINCNT12 LINCNT11 LINCNT10
LINCNT9
LINCNT8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LINCNT [15:8] Scanning lines count specified by designers.
Note: It cannot be programmed to logic zero.
Offset 27h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
LINCNT7
LINCNT6
LINCNT5
LINCNT4
LINCNT3
LINCNT2
LINCNT1
LINCNT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LINCNT [7:0]
Scanning lines count specified by designers.
Note: It cannot be programmed to logic zero.
Offset 2Ch ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
X
X
DPISET13
DPISET12
DPISET11
DPISET10
DPISET9
DPISET8
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 DPISET [13:8] Set resolution in dpi for average or deletion type.
A. average type : digital average function support 1/2,1/3,1/4,1/5,1/6,1/8,1/10,1/12,1/15.
a. 9600 dpi mode CCD:support 4800,3200,2400,1920,1600,1200,960,800,640 dpi.
b. 4800 dpi mode CCD:support 2400,1600,1200,960,800,480,400,320 dpi.
c. 2400 dpi mode CCD:support 1200,800,600,480,400,300,240,200,160 dpi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com