Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 27Page - GENESYS LOGIC GL848 Datasheet HTML 28Page - GENESYS LOGIC GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC GL848 Datasheet HTML 34Page - GENESYS LOGIC GL848 Datasheet HTML 35Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 31
010
4*LPERIOD
011
8*LPERIOD
100
16*LPERIOD
101
32*LPERIOD
110
Reserved.
111
Reserved.
Offset 1Dh ……..……………………………………..…………..….…..………. Default value = 8’h04
CK4LOW
CK3LOW
CK1LOW
TGSHLD4
TGSHLD3
TGSHLD2
TGSHLD1
TGSHLD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CK4LOW
0
Clock 4 will be high when TG goes high.
1
Clock 4 will be low when TG goes high.
6 CK3LOW
0
Clock 3 will be high when TG goes high.
1
Clock 3 will be low when TG goes high.
5 CK1LOW
0
Clock 1 & 2 will be high when TG goes high.
1
Clock 1 & 2 will be low when TG goes high.
4-0 TGSHLD [4:0] CCD TG shoulder width (in pixel time). Please refer to Reg34.
Note: Designers have to program the TGSHLD >= 2 (more than two).
Offset 1Eh ……..……………………………………..…………..….…..………. Default value = 8’h20
WDTIME3 WDTIME2 WDTIME1 WDTIME0 LINESEL3 LINESEL2 LINESEL1 LINESEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-4 WDTIME [3:0] To set watch-dog time.
The unit is 30 seconds.
3-0 LINESEL [3:0] To set vertical resolution for CIS or dummy lines for CCD.
CIS : LINESEL = 0
full resolution.
= 1
1/2 resolution.
= 2
1/3 resolution .
…..
= 15
1/16 resolution.
CCD : LINESEL = 0
no dummy line.
= 1
1 dummy line.
= 2
2 dummy lines.
…..
= 15
15 dummy lines.
Note: In contrary to dummy line feature in CCD, for low resolution in CIS, the
scanning speed is improved by implementing fast motor moving.
Offset 1Fh ……..……………………………………..…………..….…..…….…. Default value = 8’h00
SCANFED7 SCANFED6 SCANFED5 SCANFED4 SCANFED3 SCANFED2 SCANFED1 SCANFED0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 SCANFED [7:0] Steps number setting for moving to scanning position.
Please refer to description of Reg6A
Note: 1.it cannot be programmed to logic zero.
2.it can be multiplied by2*
STEPTIM
Offset 20h ……..……………………………………..…………..….…..…….…. Default value = 8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com