Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 77 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 77 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 73Page - GENESYS LOGIC GL848 Datasheet HTML 74Page - GENESYS LOGIC GL848 Datasheet HTML 75Page - GENESYS LOGIC GL848 Datasheet HTML 76Page - GENESYS LOGIC GL848 Datasheet HTML 77Page - GENESYS LOGIC GL848 Datasheet HTML 78Page - GENESYS LOGIC GL848 Datasheet HTML 79Page - GENESYS LOGIC GL848 Datasheet HTML 80Page - GENESYS LOGIC GL848 Datasheet HTML 81Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 77
a,b,c,g : are black pixels
d,e,f,h,i : are white pixels
13 Exposure Time
Maximum: 2096k pixels time
Adjustment step: 1 pixel time.
For transparency scanning, the exposure time can be up to 2096k pixels time.
14 Scan Width control for Horizontal Line
a. Supports start and end pixels assignment in setting scan width.
b. Scanning width= end pixels - start pixels
Maximum length: 128K pixels.
Minimum length: 1 pixel.
15 Support built-in USB 2.0 Controller
2-in-1 USB2.0 controller + scanner controller.
16 SDRAM Timing
Supports 16M Bits (1M*16), 64M Bits (4M*16), 128M Bits (8M*16), 256M Bits (16M*16) and 512 M Bits
(32M*16) SDRAM as image buffer and calibration buffer. Designer can implement single chip or two chips of
SDRAM.
17 Horizontal Resolution Adjustable for DPI Function
A. Digital deletion type:
Software adjustable resolutions range from 9600 to 1 dpi with 1 dpi decrement.
B. Digital average type:
Supports 1/2, 1/3, 1/4, 1/5, 1/6, 1/8, 1/10, 1/12, 1/15 digital average function.
For example, options for 1200dpi scanner are:
1200dpi, 600dpi, 400dpi, 300dpi, 240dpi, 200dpi, 150dpi,120dpi, 100dpi, 80dpi by average function.
C. Support stagger CCD:
Supports 1/2, 1/4, 1/8 resolutions, such as NEC Toshiba and Sony stagger CCD.
18 Vertical Resolution Adjustable for DPI Function
The resolution of motor moving is 16 bits wide and is flexibly controlled by motor tables.
The resolution can be up to 4800 dpi for 1200 dpi scanners, 9600 dpi for 2400 dpi scanners and 19200 dpi for
4800 dpi scanners.
Note: The resolution of vertical direction of quarter step can up to four times resolution.
19 Five Acceleration/Deceleration Tables
The acceleration/deceleration tables are stored in internal SRAM and can be downloaded by S/W.
And the resolution is 16 bits in pixel-time. The number of table steps is from 1 to 1020 steps for arbitrary
curves. There are five tables for motor moving. Three tables are for scanning and the others are for fast
moving. The forward and backward steps can be programmed by S/W separately.
Note: “Fast move” means move back to home position or move forward to scan window in any position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com