Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 11Page - GENESYS LOGIC GL848 Datasheet HTML 12Page - GENESYS LOGIC GL848 Datasheet HTML 13Page - GENESYS LOGIC GL848 Datasheet HTML 14Page - GENESYS LOGIC GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC GL848 Datasheet HTML 18Page - GENESYS LOGIC GL848 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 15
DP
B
Positive USB differential data
DM
B
Negative USB Differential Data
RREF
B
715 Ohm 1% reference resistor input which should be tied to
analog ground
VBUS
F
Floating
FSHD0-7
B
Flash data bus
FSHA0-14
O
Flash address bus
FSH_WEB
O
Flash write enable
FSH_OEB
O
Flash data output enable
Notation:
Type
O
Output
I
Input
B
Bi-directional
I/O
Bi-directional
P
Power / Ground
F
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com