Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 10Page - GENESYS LOGIC GL848 Datasheet HTML 11Page - GENESYS LOGIC GL848 Datasheet HTML 12Page - GENESYS LOGIC GL848 Datasheet HTML 13Page - GENESYS LOGIC GL848 Datasheet HTML 14Page - GENESYS LOGIC GL848 Datasheet HTML 15Page - GENESYS LOGIC GL848 Datasheet HTML 16Page - GENESYS LOGIC GL848 Datasheet HTML 17Page - GENESYS LOGIC GL848 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 14
CIS Green LED array control
LED_B/ RXD /MOTORDIR/GPO28
O
CIS Blue LED control;
RS232 receive data input;
Motor direction control for moving TMA or ADF application;
General Purpose Input/Output.
OP0~7
I
AFE digital data input.
SEN/SLOAD
O
Serial interface load pulse.
SCLK
O
Serial interface clock output.
SDI
O
Serial data output.
SDO
I
Serial data input.
VSMP/CDSCLK2
O
Wolfson type : Video sample synchronization pulse.
Analog Device : CDS Data level sampling clock.
MCLK/ADCCLK
O
Wolfson type : Master clock.
Analog Device : A/D Converter sampling clock.
DBUS0~15
B
DRAM data bus
ABUS0~12
O
DRAM address bus
RASJ
O
SDRAM row address strobe
CASJ
O
SDRAM column address strobe
WEJ
O
SDRAM write enable
BANK0-1
O
SDRAM bank select
CKE
O
SDRAM clock enable
RAMCLK
O
SDRAM clock
X1
I
Clock input for crystal (12MHz)
X2
O
Clock output for crystal
EXTRST_
I
Hardware reset input
AVDD1, AVDD2, AVDD3
P
Analog power input for USB2.0 transceiver 3.3V
AGND1, AGND2, AGND3
P
Analog ground input for USB2.0 transceiver
DVCC1
P
Digital power input for USB2.0 controller 1.8V
DGND1, DGND2
P
Digital ground input for USB2.0 controller.
VccCore1, VccCore2, VccCore3,
VccCore4
P
Digital power input for scanner controller logic core 1.8V
GndCore1, GndCore2, GndCore3, GndCore4
P
Digital ground input for scanner controller logic core.
VccIO1, VccIO2, VccIO3, VccIO4, VccIO5,
VccIO6
P
Digital power input for scanner controller I/O pads 3.3V
GndIO1, GndIO2, GndIO3, GndIO4, GndIO5,
GndIO6
P
Digital ground input for scanner controller I/O pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com