Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 57 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 57 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 53Page - GENESYS LOGIC GL848 Datasheet HTML 54Page - GENESYS LOGIC GL848 Datasheet HTML 55Page - GENESYS LOGIC GL848 Datasheet HTML 56Page - GENESYS LOGIC GL848 Datasheet HTML 57Page - GENESYS LOGIC GL848 Datasheet HTML 58Page - GENESYS LOGIC GL848 Datasheet HTML 59Page - GENESYS LOGIC GL848 Datasheet HTML 60Page - GENESYS LOGIC GL848 Datasheet HTML 61Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 57
ONDUR7
ONDUR6
ONDUR5
ONDUR4
ONDUR3
ONDUR2
ONDUR1
ONDUR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ONDUR [7:0]
On duration (in system clock) of PWM for LAMP control.
Offset 9Ah ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
OFFDUR15 OFFDUR14 OFFDUR13 OFFDUR12 OFFDUR11 OFFDUR10 OFFDUR9
OFFDUR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 OFFDUR [15:8] Off duration (in system clock) of PWM for LAMP control.
Offset 9Bh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
OFFDUR7
OFFDUR6
OFFDUR5
OFFDUR4
OFFDUR3
OFFDUR2
OFFDUR1
OFFDUR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 OFFDUR [7:0] Off duration (in system clock) of PWM for LAMP control.
Offset 9Dh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
RAMDLY1 RAMDLY0 MOTLAG
X
STEPTIM2 STEPTIM1 STEPTIM0
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
X
7-6 RAMDLY [1:0] Select timing delay for SCLK of SDRAM.
5 MOTLAG
0
Do not force the trigger position of motor trigger.
1
Force motor to locate its trigger at the end of line when dummy lines function
is activated.
3-1 STEPTIM [2:0] Select the multiplier of slope table. For Reg 21, 24, 5F, 69, 6A, the real slope
steps are register values multiplied by STEPTIM.
STEPTIM[2:0]
=000 : Slope steps = register values
=001 : Slope steps = register values * 2
=010 : Slope steps = register values * 4
=011 : Slope steps = register values * 8
=100 : Slope steps = register values * 16
=101 : Slope steps = register values * 32
Offset 9Eh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
TGSTIME2 TGSTIME1 TGSTIME0 TGWTIME2 TGWTIME1 TGWTIME0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-3 TGSTIME [2:0]
To set the times of TGSHLD[4:0] . So , the width is TGSHLD[4:0]* 2
TGSTIME
2-0 TGWTIME [2:0] To set
the times of TGW[5:0] . So, the width is TGW [5:0]* 2
TGWTIME
Offset 9Fh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
X
FULLPAGE AUTOADF
MOTMPU
MULDMYLN
DPI9600
X
X
X
R/W
R/W
R/W
R/W
R/W
4
FULLPAGE
0
To select general operation of motor when the Start/Stop occurs
1
To enable full-page operation of motor during ADF scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com